Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCA9420
Description  Power management IC for low-power microcontroller applications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCA9420 Datasheet HTML 13Page - NXP Semiconductors PCA9420 Datasheet HTML 14Page - NXP Semiconductors PCA9420 Datasheet HTML 15Page - NXP Semiconductors PCA9420 Datasheet HTML 16Page - NXP Semiconductors PCA9420 Datasheet HTML 17Page - NXP Semiconductors PCA9420 Datasheet HTML 18Page - NXP Semiconductors PCA9420 Datasheet HTML 19Page - NXP Semiconductors PCA9420 Datasheet HTML 20Page - NXP Semiconductors PCA9420 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 87 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
8.11.4 BUCK1 (SW1, core buck regulator)
The SW1 supplies the core power.
Its output voltage can be programmed via I2C from 0.5 V to 1.5 V at 25 mV step and a
fixed 1.8 V, which is capable of providing up to 250 mA loading. The application circuit
uses typical 2.2 µH inductor and 10 µF/6.3 V output capacitor.
8.11.5 BUCK2 (SW2, system buck regulator)
The SW2 output voltage can be programmed via I2C register from 1.5 V to 2.1 V, or from
2.7 V to 3.3 V in both at 25 mV/step and is capable of providing up to 500 mA loading.
The application circuit uses a 2.2 µH inductor and 10 µF output capacitor.
In SW2, a pass-through mode is implemented. When its input (ASYS) is close to the
output voltage (within typical 200 mV), the SW2 enters the pass-through mode operation;
the high-side switch is fully turned on and the low-side switch is turned off, and the output
voltage can be calculated as input voltage – (RDSON*ILOAD), where RDSON is the on-
resistance of the high-side switch, and the ILOAD refers to the load current. When the
input voltage rises again, so that the voltage different between input and output crosses
the typical 250 mV threshold, the SW2 exits the pass-through mode and re- enters the
normal switching mode operation.
While SW2 operates in pass-through mode, protection features such as over-current
protection are also implemented as well.
aaa-033081
VSW2_Regulation
VPSYS2
(VPSYS2 - VSW2_Regulation)=200mV
50mV
SW2 in regulation mode
SW2 in pass-through mode
SW2 in regulation mode
Delta V=RRDS_ON_High_side x ILOAD
Delta V
Figure 8. Pass-Through mode of BUCK2 (SW2)
8.11.6 LDO1 (always-on LDO)
The LDO1 (Always-on LDO) output can be programmed from 1.7 V to 1.9 V at 25 mV
step, depending on the system requirements (selectable through I2C register). Typically,
a 1 µF/6.3 V MLCC output capacitor providing at least 1 mA loading capability is needed.
LDO1 operates based on the principle of hysteretic on/off regulation. The LDO1
output voltage is generated from a frequent activation/deactivation of the output stage
connecting VBAT to the LDO1 output depending on the programmed output voltage
for LDO1. The ripple frequency and amplitude will greatly depend on the load current
and external capacitance. The greater the load current, the higher the on/off activation
of this output stage to ensure LDO1 stays within the defined output voltage accuracy
specified in the electrical specification section. LDO1 is powered by the greater of ASYS
or VBAT_BKUP.
SW_RST event will not shut down LDO1, but sets LDO1 to default value. Watchdog
Reset will not shut down LDO1, but changes LDO1 to Mode 0 setting. SHIP mode/
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.0 — 28 November 2022
17 / 87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com