Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCA9420
Description  Power management IC for low-power microcontroller applications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCA9420 Datasheet HTML 12Page - NXP Semiconductors PCA9420 Datasheet HTML 13Page - NXP Semiconductors PCA9420 Datasheet HTML 14Page - NXP Semiconductors PCA9420 Datasheet HTML 15Page - NXP Semiconductors PCA9420 Datasheet HTML 16Page - NXP Semiconductors PCA9420 Datasheet HTML 17Page - NXP Semiconductors PCA9420 Datasheet HTML 18Page - NXP Semiconductors PCA9420 Datasheet HTML 19Page - NXP Semiconductors PCA9420 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 87 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
• A falling edge on ON key over a 200 µs
Condition 4) The device stays at VIN OVP condition with no any valid supply attached
at VBAT. In result, all enabled power rails have been off. The following condition re-
initiates the power-up sequence.
• The VIN goes below its VIN OVP hysteresis (typ 100 mV)
The power-up sequence by ON key=Low over the debounce time is described as shown
in Figure 7.
For the power-up sequence, the chip can set the default sequence per the customer
requirement at factory setting (i.e. MTP option), from one of the 64 options. Once the chip
enters the power-down stage, the power-down sequence is implemented as the reverse
of the power-up sequence (i.e., first up, last down).
aaa-033080
POWER-UP SEQUENCE
ON Key
Default-On Rails
Position 1
=1ms
SYSRSTn
POWER-OFF STATE
CONTROL BY PROCESSOR
TPWUP_DLY_INTERVAL
(ON Long-Press Timer, 4s,8s,12s or 16s)
tON_LONG_PRESS
90%
2
3
4
TON_DEBOUNCE
=200µs
NOTE: BUCK1, BUCK2, LDO1 and LDO2 can be assigned to any of positions 1 through 4.
Positions 1 through 4 are LDO1, BUCK2, LDO2, and BUCK1.
(NOTE)
3
2
1
=2ms
The ON Key shall be pulled high
to avoid power recycle initiated
by a programmed ON long-Press
timer expired
PWR_DN_EN bit=1
OR
SHIP_EN_x bit=1
Position 4
POWER-DOWN SEQUENCE
TPWDOWN_DLY_INTERVAL
Figure 7. Power-up/down sequence
On-the-fly output voltage change sequence
On-the-fly output voltage change is defined as the following: for any output rail, its
output voltage changes from one level (initial level) to another level (target level). Note
this assumes the output rail is always enabled before and after the on-the-fly change
transition. It does not include the case when any output rail is changed from disabled
state to enabled state, or vice versa.
If a user prefers to change any rail voltage on-the-fly, depending on the scenarios listed
below, the chip behavior is described as follows:
1. While the chip remains in its current operation mode, and the user programs the
output voltage setting I2C register value or enables/disables any or some of output
voltage rail(s), the chip simply executes the I2C command
2. While the user chooses to switch modes, i.e. change mode between any of the two
mode settings among Mode 0/1/2/3, and if this involves on-the-fly voltage change for
one or some output rails, such change should occur simultaneously when the chip
switches from initial mode to the target mode.
CAUTION: The user should not send an I2C command related to changing the setting of
the output rails during the power up/down or mode setting change process.
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.0 — 28 November 2022
16 / 87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com