Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # PCA9420
Description  Power management IC for low-power microcontroller applications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button PCA9420 Datasheet HTML 32Page - NXP Semiconductors PCA9420 Datasheet HTML 33Page - NXP Semiconductors PCA9420 Datasheet HTML 34Page - NXP Semiconductors PCA9420 Datasheet HTML 35Page - NXP Semiconductors PCA9420 Datasheet HTML 36Page - NXP Semiconductors PCA9420 Datasheet HTML 37Page - NXP Semiconductors PCA9420 Datasheet HTML 38Page - NXP Semiconductors PCA9420 Datasheet HTML 39Page - NXP Semiconductors PCA9420 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 87 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
9.5.13 Top level control_4 (TOP_CTL4, address 0Dh)
This register contains various configuration bits for top level related functions, part 4. This
is a WRITE ONLY register.
Bit
Symbol
Default value Type
Function
7
6
5
4
3
RSVD
00000
W
Reserved bit
2
1
0
WD_TIMER_CLR
[2:0]
000
W
Watchdog Timer Reset.
001: When written 001 to WD_TIMER_CLR [2:0], the watchdog timer
is reset.
All other values: when written to WD_TIMER_CLR [2:0], watchdog
timer remains unaffected.
Table 21. TOP_CNTL4 register bit description
9.5.14 Battery charger control_0 (CHG_CTL0, address 10h)
This register stores the linear battery charge related control registers, part 0. This is a
READ AND WRITE register.
Bit
Symbol
Default value Type
Function
7
6
5
4
3
CHG_LOCK
[4:0]
00000
R/W
Critical charger related setting lock.
CHG_LOCK [4:0] = 10101, these registers which are labeled as
“locked by CHG_LOCK” can be accessed to perform I2C “write”
command.
CHGN_LOCK [4:0] ≠ 10101, these registers which are labeled as
“locked by CHG_LOCK” can NOT be accessed to perform I2C “write”
command. In such case when “write” command is performed on these
locked registers, it will keep the present register value.
2
NTC_EN
0
R/W
Enable TS pin external thermistor (NTC) control in charger
0: Disable Thermistor (NTC) control in charger
1: Enable Thermistor (NTC) control in charger
1
CHG_TIMER_EN 1
R/W
Enable the fast charge timer and pre-qual timer
0: Disable both fast charge timer and pre-qual timer
1: Enable both fast charge timer and pre-qual timer
0
CHG_EN
1
R/W
Enable the linear battery charger
0: Disable charger
1: Enable charger
Note: The default value for this bit should be MTP programmable
Table 22. CHG_CNTL0 register bit description
9.5.15 Battery charger control_1 (CHG_CTL1, address 11h)
This register stores the linear battery charge related control registers, part 1.
This is a READ AND WRITE register,
and this register is locked by CHG_LOCK.
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.0 — 28 November 2022
36 / 87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com