Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 56 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 56 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 52Page - ams AG CSG14K_CSG8K Datasheet HTML 53Page - ams AG CSG14K_CSG8K Datasheet HTML 54Page - ams AG CSG14K_CSG8K Datasheet HTML 55Page - ams AG CSG14K_CSG8K Datasheet HTML 56Page - ams AG CSG14K_CSG8K Datasheet HTML 57Page - ams AG CSG14K_CSG8K Datasheet HTML 58Page - ams AG CSG14K_CSG8K Datasheet HTML 59Page - ams AG CSG14K_CSG8K Datasheet HTML 60Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 55
Figure 58 shows the active pixel readout area and corresponding output image properties. This
example assumes the maximum allowed vertical ROI (2x200 rows) and that OB channel readout is
enabled.
Figure 58:
Recommended ROI Selection and Resulting Output Image Format in IMG.3
Information
●
The recommended sensor control mode for the small window modes is Inline Streaming. This
control mode maximizes the frame rate as it reduces the amount of overhead rows in a
frame. See section 7.8.2 for more information on the Inline Streaming mode.
●
The small window modes can also be operated in any of the other sensor control modes.
12-Bit Binning Mode (IMG.7)
The 12-bit binning mode implements a sensor readout in which the value of 4 pixels are averaged,
prior to ADC conversion. This reduces the readout resolution by 4x, but increases the full well charge,
dynamic range and SNR.
Figure 59 shows the binning schemes for color and monochrome modes. In color mode, the binning
scheme is adapted to preserve the Bayer pattern. The averaged value of 4 binned pixels is readout on
the bottom-left position of the binned square.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com