Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 97 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 97 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 93Page - ams AG CSG14K_CSG8K Datasheet HTML 94Page - ams AG CSG14K_CSG8K Datasheet HTML 95Page - ams AG CSG14K_CSG8K Datasheet HTML 96Page - ams AG CSG14K_CSG8K Datasheet HTML 97Page - ams AG CSG14K_CSG8K Datasheet HTML 98Page - ams AG CSG14K_CSG8K Datasheet HTML 99Page - ams AG CSG14K_CSG8K Datasheet HTML 100Page - ams AG CSG14K_CSG8K Datasheet HTML 101Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 96
The sensor can indicate through status bits when it is not safe to request a new frame/exposure or
when it will be ignored. This coincides with these invalid and special cases described in 7.2.7 :
●
FE_i0, FE_i1, FE_i2, FE_i3
●
PE_i0, PE_s2
●
TI_s2
●
In steaming mode, the status bits indicate that the request will be ignored.
The status bits can be enabled on the CTRL channel or observed on one of the digital test output pins.
Attention
Enabling the not-safe-to-request status bits on the CTRL channel might influence the control word in
idle state. It is therefore recommended
to perform control channel training with EN_NSF set to ‘0’.
7.8.4
Digital Test Output
Figure 122:
Digital Test Output Register
Reg. Name
Bank
Addr
Bits
Description
DMUX1_SEL
3
50-51
[9:5]
Sets pin TDIG1 function
DMUX2_SEL
3
50-51
[14:10]
Sets pin TDIG2 function
A number of digital signals of the chip can be monitored in real-time during normal sensor operation
via the sensor output pins TDIG1 to TDIG4. This can be useful for testing and debugging the system
without having to rely on the sub-LVDS implementation of the control channel, so a test pad or
connection to the FPGA is recommended.
Selecting which signal to be monitored is done with DMUX1_SEL registers for TDIG1 (bottom) and
TDIG3 (top) and with DMUX2_SEL registers for TDIG2 (bottom) and TDIG4 (top).
Figure 123:
TDIG Mapping
DMUX*_SEL
Description
0
PLL lock status
8
Global sampling phase(1)
9
Exposure status (group S)
10
Exposure status (group L)
11
EOBVAL
12
SVAL
13
FVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com