Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 77 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 77 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 73Page - ams AG CSG14K_CSG8K Datasheet HTML 74Page - ams AG CSG14K_CSG8K Datasheet HTML 75Page - ams AG CSG14K_CSG8K Datasheet HTML 76Page - ams AG CSG14K_CSG8K Datasheet HTML 77Page - ams AG CSG14K_CSG8K Datasheet HTML 78Page - ams AG CSG14K_CSG8K Datasheet HTML 79Page - ams AG CSG14K_CSG8K Datasheet HTML 80Page - ams AG CSG14K_CSG8K Datasheet HTML 81Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 76
Sequence Length
Figure 89:
Number of Frames Register
Register Name
Bank
Addr
Bits
Description
NROF_FRAMES
4
7
[7:0]
See below
In triggered internal mode (CTRL_MODE = 2), every rising edge on REQ_EXP (through external pin
or register) will initiate the capture of a sequence of frames. The value in the NROF_FRAMES register
at the moment of the rising edge on REQ_EXP will determine the sequence length.
NROF_FRAMES may be set to any value between 1 and 255. In all other control modes, the register
is ignored.
When a sequence is still active, a new rising edge on REQ_EXP will increment the remaining number
of frames by the value set in NROF_FRAMES. The total number of remaining frames may not be
higher than 255.
Shutter Lag
Figure 90:
Shutter Lag Register
Register Name
Bank
Addr
Bits
Description
SHUTTER_LAG
1
32
[15:0]
See description below
PTR_EXP_0
1
112
[6:0]
Set differently depending on whether
the matching of the shutter lag is
enabled or disabled
Following the default configuration (see Figure 61); the shutter lag functionality is enabled, resulting in
a shutter lag delay equal to the equation below.
Equation 8:
������������ℎ������������������������������_������������������ = ������������������������,������������������ + 32 ∗ ������������������������_������������������
The shutter lag matching can also be disabled:
1.
Set the PTR_EXP_0 register to the image mode dependent value (see Figure 61)
2.
Set the SHUTTER_LAG register to 0.
In this case, the shutter lag time becomes:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com