Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 96 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 96 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 92Page - ams AG CSG14K_CSG8K Datasheet HTML 93Page - ams AG CSG14K_CSG8K Datasheet HTML 94Page - ams AG CSG14K_CSG8K Datasheet HTML 95Page - ams AG CSG14K_CSG8K Datasheet HTML 96Page - ams AG CSG14K_CSG8K Datasheet HTML 97Page - ams AG CSG14K_CSG8K Datasheet HTML 98Page - ams AG CSG14K_CSG8K Datasheet HTML 99Page - ams AG CSG14K_CSG8K Datasheet HTML 100Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 95
The entire operation in this mode runs at the rate of the row timing, with a frequency set by
ROW_LENGTH (see 7.5.2 for more details). The length of the GLOB state is extended to an exact
multiple of the row length by appending some idle time after the word generator program has finished.
The figure below expands the state diagram into a timing diagram. The figure shows an example with
the readout of 4 valid rows, a GLOB length of 1.5*trow and EXP_TIME_INL set to 3. The figure also
shows a number of bits of the CTR_OUT channel to illustrate what is going on.
Figure 120:
Timing Diagram: In-Line Streaming Mode
Information
In-line streaming mode is incompatible with these functionalities:
●
Dual exposure
●
Synchronized register updates and context switching
●
Image statistics
●
Dummy rows
7.8.3
Not-Safe-to-Request Status
Figure 121:
EN_NSF Register
Reg. Name
Bank
Addr
Bits
Description
EN_NSF
0
76
[0:0]
‘0’: Bits 8 and 9 in the CTR word are ‘0’
‘1’: Enable NSFE and NSFR status bits on
the control channel
SENSOR STATE
CTR:
FVAL
CTR:
DVAL
CTR:
EXP_L
REQ_EXP
CTR:
GLOB
GLOB
IDLE
EXPOSURE
READOUT
GLOB
EXPOSURE
READOUT
GLOB
Shutter
Lag
Shutter
Lag
4 valid rows
overhead extended to
2 rows
fixed delay of 3 rows
EXP_TIME_INL = 3
T(row)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com