Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 74 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 74 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 70Page - ams AG CSG14K_CSG8K Datasheet HTML 71Page - ams AG CSG14K_CSG8K Datasheet HTML 72Page - ams AG CSG14K_CSG8K Datasheet HTML 73Page - ams AG CSG14K_CSG8K Datasheet HTML 74Page - ams AG CSG14K_CSG8K Datasheet HTML 75Page - ams AG CSG14K_CSG8K Datasheet HTML 76Page - ams AG CSG14K_CSG8K Datasheet HTML 77Page - ams AG CSG14K_CSG8K Datasheet HTML 78Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 73
Attention
Because the constant global sampling time is expressed in relative time units (TU), whenever
TIME_UNIT is changed, GLOB_TIME must be adapted accordingly (inverse proportional).
Dual Exposure HDR
Figure 86:
HDR Registers
Reg. Name
Bank
Addr
Bits
Description
DUAL_EXPOSURE
4
12
[0]
0: Dual Exposure off
1: Dual exposure on
DUAL_EXP_GROUPING
4
13
[0]
0: Default grouping (mono)
1: Paired grouping (color mode)
EXP_TIME_L
4
14-15
[15:0]
Exposure Time of group L
EXP_TIME_S
4
16-17
[15:0]
Exposure Time of group S
In dual exposure mode, one image can have 2 different exposure times, divided in 2 row groups. In
the camera system, this image can be translated into an HDR image containing both details in dark
and bright areas.
In the effective pixel array, the pixels are split into two exposure groups. When
DUAL_EXP_GROUPING is set low:
●
Exposure group S: all pixels of rows 0+4i and 2+4i
●
Exposure group L: all pixels of rows 1+4i and 3+4i
When DUAL_EXP_GROUPING is set high, the exposure groups use adjacent row pairs:
●
Exposure group S: all pixels of rows 0+4i and 1+4i
●
Exposure group L: all pixels of rows 2+4i and 3+4i
The latter should be used in color mode, keeping the Bayer pattern complete. Figure 87 shows how
the rows of the pixel array are divided into two exposure groups.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com