Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 99 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 99 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 95Page - ams AG CSG14K_CSG8K Datasheet HTML 96Page - ams AG CSG14K_CSG8K Datasheet HTML 97Page - ams AG CSG14K_CSG8K Datasheet HTML 98Page - ams AG CSG14K_CSG8K Datasheet HTML 99Page - ams AG CSG14K_CSG8K Datasheet HTML 100Page - ams AG CSG14K_CSG8K Datasheet HTML 101Page - ams AG CSG14K_CSG8K Datasheet HTML 102Page - ams AG CSG14K_CSG8K Datasheet HTML 103Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 98
Readout of the OTP registers requires interfacing with following SPI registers.
Figure 125:
OTP SPI Registers
Reg. Name
Bank
Addr
Bits
Description
OTP_CONTROL
3
24
[11:0]
OTP control register
OTP_A
3
26
[8:0]
OTP address
OTP_DOUT
3
28
[7:0]
OTP data out
The procedure to readout an OTP register goes as follows:
1.
Set BANK_SEL to 3
2.
Set BLOCK_SEL to 20
3.
Set OTP_CONTROL to 3
4.
Set OTP_CONTROL to 7
5.
Set OTP_CONTROL to 21
6.
Set OTP_A to the desired OTP address
7.
Set OTP_CONTROL to 29
8.
Set OTP_CONTROL to 21
9.
Read data from OTP_DOUT
10.
Set OTP_CONTROL to 7
7.8.6
Temperature Sensor
Figure 126:
Temperature Sensor Register
Reg. Name
Bank
Addr
Bits
Description
TSENS_CONTROL.EN
3
30
[0:0]
Temperature sensor power up
TSENS_CONTROL.MEAS
3
30
[5:1]
Temperature sensor measurement control
TSENS_REF
3
31-32
[15:0]
Pulse width of output reference voltage
TSENS_CONV
3
33-34
[15:0]
Pulse width of converted temperature voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com