Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 15 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 15 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 11Page - ams AG CSG14K_CSG8K Datasheet HTML 12Page - ams AG CSG14K_CSG8K Datasheet HTML 13Page - ams AG CSG14K_CSG8K Datasheet HTML 14Page - ams AG CSG14K_CSG8K Datasheet HTML 15Page - ams AG CSG14K_CSG8K Datasheet HTML 16Page - ams AG CSG14K_CSG8K Datasheet HTML 17Page - ams AG CSG14K_CSG8K Datasheet HTML 18Page - ams AG CSG14K_CSG8K Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Typical Operating Characteristics
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 14
The following table details the expected typical performance in the various readout configuration
modes.
Figure 8:
Typical Performance Values for the Various Readout Configurations
Parameter
10 b Default
(IMG.1)
10 b Short
Exp. Mode
(IMG.2)
10 b Small
Window
Mode
(IMG.3)
12 b Default
(IMG.4)
12 b Short
Exp. Mode
(IMG.5)
12 b Binning
Mode
(IMG.7)
ADC resolution
10 b
12 b
Output image
resolution
(recommended
pixels) for
CSG14K
3840 (h)
3584 (v)
3840 (h)
400 (v)
3840 (h)
3584 (v)
1920 (h)
1792 (v)
Output image
resolution
(recommended
pixels) for CSG8K
3840 (h)
2160 (v)
3840 (h)
400 (v)
3840 (h)
2160 (v)
1920 (h)
1080 (v)
Full well charge
10000 e-
9800 e-
10500 e-
40600 e-
Conversion gain
0.10 DN/e-
0.38 DN/e-
0.10 DN/e-
Temp. noise
5.6 e-
3.7 e-
12.4 e-
Dynamic range
65.1 dB
65.1 dB
64.9 dB
69.1 dB
69.1 dB
70.3 dB
SNRmax
39.8 dB
39.8 dB
39.7 dB
40.0 dB
40.0 dB
45.9 dB
DSNU (1288)
1.9 e-
1.8 e-
20.7 e-
1.9 e-
1.7 e-
3.4 e-
Maximum FR at
recommended
resolution
(CSG14K)
140 fps
140 fps
NA
93 fps
93 fps
129.7 fps
Maximum FR at
recommended
resolution
(CSG8K)
231 fps
228 fps
NA
153 fps
153 fps
214 fps
Maximum FR (100
lines ROI, 100 µs
exposure time)
3829 fps
3017 fps
4793 fps
2625 fps
2255 fps
3361 fps
Minimum
exposure time
(texp,min)
36.7
μs
7.9
μs
11.2
μs
46.2
μs
10.0
μs
36.9
μs
Maximum
exposure time
(texp,max)
NA
100 µs
NA
NA
100 µs
NA
I/F DR (at
maximum FR)
1250 Mbit/s
1250 Mbit/s
1250 Mbit/s
1000 Mbit/s
1000 Mbit/s
1000 Mbit/s
Power
consumption
2.02 W
2.23 W
2.19 W
1.93 W
2.13 W
1.86 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com