Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 68 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 68 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 64Page - ams AG CSG14K_CSG8K Datasheet HTML 65Page - ams AG CSG14K_CSG8K Datasheet HTML 66Page - ams AG CSG14K_CSG8K Datasheet HTML 67Page - ams AG CSG14K_CSG8K Datasheet HTML 68Page - ams AG CSG14K_CSG8K Datasheet HTML 69Page - ams AG CSG14K_CSG8K Datasheet HTML 70Page - ams AG CSG14K_CSG8K Datasheet HTML 71Page - ams AG CSG14K_CSG8K Datasheet HTML 72Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 67
Typically, all of the sensor’s output channels are used. The amount of used channels may be reduced
for the following reasons:
●
Power saving. By limiting the number of used output channels, all unused output channels are
automatically powered down.
●
The receiving system is IO-limited and cannot capture all output channels at once.
The amount of used output channels is set with the MAX_NR_OUTP register as shown in Figure 75.
Figure 75:
MAX_NR_OUTP register
MAX_NR_OUTP
(bank 0, address 14)
Amount of Used Data Channels
1
1 (per side)
2
2 (per side)
3
3 (per side)
4
4 (per side)
5
5 (per side)
6
6 (per side)
7
7 (per side)
8
8 (per side)
The required power-up sequence of the output drivers is shown in Figure 76.
Figure 76:
Power-Up Sequence of Output Drivers
#
Register
Bank
Address
Value
1
DATA_CH_CTRL
3
74
1026
2
CLK_CH_CTRL
3
78
1026
3
Wait at least 1 ms
4
DATA_CH_ENA
3
77
1
5
CLK_CH_ENA
3
81
1
6
CLK_CH_EN_DRIVE
3
82
1
7
DATA_CH_EN_DRIVE(1)
4
35
1
(1)
This register should be written in both sensor context banks.
Set Row Length
The ROW_LENGTH register sets the line rate of the sensor. The required setting of this parameter is
dependent on different sensor operation modes
– which are known at this stage of the configuration
procedure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com