Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 73 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 73 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 69Page - ams AG CSG14K_CSG8K Datasheet HTML 70Page - ams AG CSG14K_CSG8K Datasheet HTML 71Page - ams AG CSG14K_CSG8K Datasheet HTML 72Page - ams AG CSG14K_CSG8K Datasheet HTML 73Page - ams AG CSG14K_CSG8K Datasheet HTML 74Page - ams AG CSG14K_CSG8K Datasheet HTML 75Page - ams AG CSG14K_CSG8K Datasheet HTML 76Page - ams AG CSG14K_CSG8K Datasheet HTML 77Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 72
Register GRAN_TG needs to be scaled with the CLK_PIX period that is used, according to
Equation 4. Parameter GLOB_BASE is image mode dependent (see Figure 61).
Equation 4:
������������������������_������������ = ������������������������������ (
������������������������_������������������������
������������������������_������������������[������������]
)
Setting register TIME_UNIT to fCLK_PIX [MHz] results in usage of an internal time unit of approximately
1 µs. The (minimal) frame time and exposure time, as set with the MIN_FRAME_TIME and
EXP_TIME_* registers now represent multiples of ~1 µs.
In case of image mode IMG.4 at nominal data rate, the CLK_PIX frequency is 83.33 MHz (=1000 MHz
/ 12). In case register TIME_UNIT is set to 83, this results in a time unit (TU) of 0.996 µs (=83 /
83.33 MHz). Reducing the nominal data rate in this mode slightly to 996 Mbit/s yields a time unit of
exactly 1 µs. Similarly (also valid in image mode IMG.4 at nominal data rate), the table below shows
the resulting frame and exposure time in case of a time unit of ~2.5 µs.
Figure 85:
Example: Relationship Between Exposure and Frame Time to Time Unit in IMG.4.
Register
Default Setting
Equation
Effective
TIME_UNIT
208
208 / fCLK_PIX [MHz]
2.496 µs
MIN_FRAME_TIME
5000
5000 TU
12.84 ms (~100 fps)
EXP_TIME_L
1000
1000 TU
2.496 ms
Frame and exposure time registers are both 16-bit wide, which means that the exposure time can be
specified with a resolution of up to 1/65536 with respect to the frame time.
MIN_FRAME_TIME defines the minimal frame time, in case the minimal frame period is constrained
by the readout, rather than the exposure. The actual frame time is adjusted automatically by the
sensor for longer exposure times, as soon as the exposure time becomes dominant over the readout
time. For the sensor to detect this condition, it needs to be aware of the duration of the global
sampling state (GLOB, refer to Basic Frame Timing in 7.2.6). This is done using the register
GLOB_TIME, expressed in TU. Register GLOB_TIME needs to be set according to the equation
below, which depends on the previously set register GRAN_TG and image mode dependent
parameter GLOB_LENGTH (see Figure 61).
Equation 5:
GLOB_TIME = ceil (GLOB_LENGTH ∗
������������������������_������������
������������������������_������������������������
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com