Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 91 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 91 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 87Page - ams AG CSG14K_CSG8K Datasheet HTML 88Page - ams AG CSG14K_CSG8K Datasheet HTML 89Page - ams AG CSG14K_CSG8K Datasheet HTML 90Page - ams AG CSG14K_CSG8K Datasheet HTML 91Page - ams AG CSG14K_CSG8K Datasheet HTML 92Page - ams AG CSG14K_CSG8K Datasheet HTML 93Page - ams AG CSG14K_CSG8K Datasheet HTML 94Page - ams AG CSG14K_CSG8K Datasheet HTML 95Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 90
Base (default) digital gain is set by uploading a value of 15 to GDIG_Rx_Cy. The maximum digital
gain is 16x with GDIG_Rx_Cy at 255. The lowest digital gain is 1/16x with GDIG_Rx_Cy at 0.
Figure 112:
Digital Gain Registers
Reg. Name
Bank
Addr
Bits
Description
GDIG_RE_CE
4
30
[7:0]
Even Rows & Even Columns
See Equation 15
GDIG_RE_CO
4
31
[7:0]
Even Rows & Odd Columns
See Equation 15
GDIG_RO_CE
4
32
[7:0]
Odd Rows & Even Columns
See Equation 15
GDIG_RO_CO
4
33
[7:0]
Odd Rows & Odd Columns
See Equation 15
The digital gain is applied after the black level correction. This means that changing the digital gain
setting does not require any of the offset correction settings to be updated.
7.7.3
Compression
Figure 113:
Compression Registers
Register Name
Bank
Addr
Bits
Description
COMPRESS_EN
0
65
[0:0]
0: Disable digital compression
1: Enable digital compression
COMPRESS_KNEEPOINT
0
66
[12:0]
Threshold above which data is compressed
COMPRESS_RATIO
0
68
[1:0]
Compression number
0: Ratio 2
1: Ratio 4
2: Ratio 8
3: Ratio 16
OUTP_BITMODE
0
7
[1:0]
Pixel data width of the output channels
0: Unused
1: 10-bit data
2: 12-bit data
The sensor can digitally compress the output pixel data as shown in the figure below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com