Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 92 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 92 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 88Page - ams AG CSG14K_CSG8K Datasheet HTML 89Page - ams AG CSG14K_CSG8K Datasheet HTML 90Page - ams AG CSG14K_CSG8K Datasheet HTML 91Page - ams AG CSG14K_CSG8K Datasheet HTML 92Page - ams AG CSG14K_CSG8K Datasheet HTML 93Page - ams AG CSG14K_CSG8K Datasheet HTML 94Page - ams AG CSG14K_CSG8K Datasheet HTML 95Page - ams AG CSG14K_CSG8K Datasheet HTML 96Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 91
Figure 114 :
Digital Data Compression
Pixel values below the knee point (Pk) are not compressed (1:1 mapping); pixel values above the knee
point are compressed with a ratio of 1 over COMPRESS_RATIO. At the receiver side, the original
pixel levels can be reconstructed (except for the LSB bits for pixels above Pk).
After limiting the output level to a lower number of bits that the input level, the framerate can be
increased by trimming the width of the output data channels, with OUTP_BITMODE.
Attention
In different scenarios, depending OUTP_BITMODE, other static register uploads are required. Refer
to section Set Output Data Width in section 7.4.3 for detailed uploads.
7.8
Additional Features
7.8.1
Image Statistics
Figure 115:
Stat Registers
Register Name
Bank
Addr
Bits
Description
STAT_NROF_HIST
0
70
[2:0]
0: No image statistics are output
1: Send out 1 histogram: all color channels only
2: Send out 2 histograms: all colors + ReCe
3: Send out 3 histograms: all colors + ReCe + ReCo
4: Send out 4 histograms: all colors + ReCe + ReCo + RoCe
5: Send out 5 histograms: all colors + ReCe + ReCo + RoCe + RoCo
STAT_FREQ
0
71
[7:0]
Inverse proportional to the number of pixels used in the statistics
gathering. Minimal value is the number of physical output channels
per side on the sensor, i.e. 8
Input
Level
Output
Level
Pk
1:1
1:2
1:4
1:8
Pk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com