Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 18 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 18 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 14Page - ams AG CSG14K_CSG8K Datasheet HTML 15Page - ams AG CSG14K_CSG8K Datasheet HTML 16Page - ams AG CSG14K_CSG8K Datasheet HTML 17Page - ams AG CSG14K_CSG8K Datasheet HTML 18Page - ams AG CSG14K_CSG8K Datasheet HTML 19Page - ams AG CSG14K_CSG8K Datasheet HTML 20Page - ams AG CSG14K_CSG8K Datasheet HTML 21Page - ams AG CSG14K_CSG8K Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 17
Figure 11:
CSG14K Pixel Array
The physical resolution of the complete pixel array is 4037 (H) × 3720 (V) pixels.
The pixel array can be split up in three parts: active pixels, optical black pixels (OB), and buffer pixels
(around both the active array and OB perimeter). The OB pixels are used for internal row clamping,
which improves row noise and allows setting a pre-defined black level. The buffer pixels form a guard
ring around the active pixels. The buffer pixels are optically active, but are not guaranteed to meet the
optical specifications. The OB and buffer pixel columns can be read out via the OB output channel.
The resolution of the active pixel array is 3856 (H) × 3600 (V) pixels. This is further split into a ring of 8
pixels on every side for color reconstruction and an optically centered recommended pixel array with a
resolution of 3840 (H) × 3584 (V) pixels. The recommended array is 12.29 mm × 11.47 mm, which is a
1” optical format.
Micro-lenses are placed on the pixels for improved quantum efficiency and fill factor.
Pixel Array of the CSG8K
Figure 12 shows the complete pixel array.
Active pixels
3856 (H) x 3600 (V)
Recommended:
3840(H) x 3584(V)
16
16
Buffer active
16
Buffer OB
OB
16
2
2
Buffer OB
16
16
2
16
131
26
26
4037 columns
8
8
8
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com