Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 53 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 53 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 49Page - ams AG CSG14K_CSG8K Datasheet HTML 50Page - ams AG CSG14K_CSG8K Datasheet HTML 51Page - ams AG CSG14K_CSG8K Datasheet HTML 52Page - ams AG CSG14K_CSG8K Datasheet HTML 53Page - ams AG CSG14K_CSG8K Datasheet HTML 54Page - ams AG CSG14K_CSG8K Datasheet HTML 55Page - ams AG CSG14K_CSG8K Datasheet HTML 56Page - ams AG CSG14K_CSG8K Datasheet HTML 57Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 52
Figure 55:
CTR_OUT Channel Bits Timing
Some notes concerning the figure:
●
EXP_L and EXP_S indicate the actual exposure time (so taking shutter lag and exposure
overlap into account)
●
The READOUT phase of the sensor (as used in section 7.2.6) is more than only FVAL. There is
some overhead time between the end of GLOB and the start of FVAL.
●
Two DVAL periods are separated by an overhead time (OT). The length of this overhead time
depends on the channel multiplexing and row time settings, but will be at least 1 word.
●
The OB data of a row of pixels appears on OB_OUT about one row time before the valid pixel
data of the same row appears on DATAx_OUT. The exact timing is evident on the control
channel. This allows external grabbing and evaluation of the OB data before the pixels of the
same row are being read. This way, corrections can be done without the need for an additional
row buffer.
●
Image statistics data is always sent via DATA0_OUT and is framed with the SVAL bit.
Information
The sensor can be operated without using the control channel. The presence of the inverted training
word on each of the LVDS output channels allows to recognize the start of data transmission. The
advantage is reduced complexity and possible power savings by disabling the CTRL channel LVDS
output, also see section 7.6.1. For more details, an application note is available.
REQ_EXP
CTR_OUT(DVAL)
REQ_FRAME
CTR_OUT(FVAL)
CTR_OUT(SVAL)
CTR_OUT(OBVAL)
CTR_OUT(EXP_L)
CTR_OUT(EXP_S)
CTR_OUT(GLOB)
shutter lag
shutter lag
exposure
overlap
OB_OUT
DATA0_OUT
DATAn_OUT
R0
R1
R2
R0
R1
R2
R0
R1
R2
S0
S1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com