Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 67 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 67 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 63Page - ams AG CSG14K_CSG8K Datasheet HTML 64Page - ams AG CSG14K_CSG8K Datasheet HTML 65Page - ams AG CSG14K_CSG8K Datasheet HTML 66Page - ams AG CSG14K_CSG8K Datasheet HTML 67Page - ams AG CSG14K_CSG8K Datasheet HTML 68Page - ams AG CSG14K_CSG8K Datasheet HTML 69Page - ams AG CSG14K_CSG8K Datasheet HTML 70Page - ams AG CSG14K_CSG8K Datasheet HTML 71Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 66
Parameter
Example 1
Example 2
RG_CTRL
21
31
Effective data rate(1)
699 Mbit/s
1000 Mbit/s
(1)
The effective data rate is equal to the available bandwidth and does not take into account any overhead data.
As described in section 7.2.2, a PLL lock time of maximum 1 ms needs to be respected. The lock
status of a PLL can be checked by polling the read-only PLL_LOCK register.
The PLL_LOCK registers are only present in the two sequencers. The bottom-side sequencer (with
BLOCK_ID 0) holds the lock information of the bottom-side PLL. The top-side sequencer (with
BLOCK_ID 1) holds the lock information of the top-side PLL.
Figure 73:
PLL Lock Register
Register Name
Bank
Addr
Read Value
PLL_LOCK
0
85
0: PLL out of lock
1: PLL locked
Set Data Interface
The sensor’s pixel data is transmitted over its sub-LVDS output channels. More information on the
output interface and low-level timing can be found in section 7.3.Figure 44 shows the required register
uploads to set the output format.
Figure 74:
Output Format Registers
Register
Bank
Address
Value
OUTP_FORMAT
0
8
0
PLL_WRAP_MAIN_DIV
0
87
1
CLKGEN_BYTE_H
1
8
2
CLKGEN_BYTE_L
1
9
1
A distinction should be made between the amount of used output channels and the amount of active
output channels. The amount of used output channels refers to the amount of channels that is used for
full horizontal ROI readout. The amount of active output channels refers to the amount of channels
that are actively outputting pixel data. Depending on the horizontal ROI settings, the amount of active
channels is either equal to or less than the amount of used output channels. More information on
configuring the horizontal ROI can be found in section 7.5.4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com