Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 49 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 49 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 45Page - ams AG CSG14K_CSG8K Datasheet HTML 46Page - ams AG CSG14K_CSG8K Datasheet HTML 47Page - ams AG CSG14K_CSG8K Datasheet HTML 48Page - ams AG CSG14K_CSG8K Datasheet HTML 49Page - ams AG CSG14K_CSG8K Datasheet HTML 50Page - ams AG CSG14K_CSG8K Datasheet HTML 51Page - ams AG CSG14K_CSG8K Datasheet HTML 52Page - ams AG CSG14K_CSG8K Datasheet HTML 53Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 48
cleared after a request is progressed, this should be done by the user. Note that the sensor’s internal
registers are updated at the end of the SPI data transfer, as detailed in section 7.2.4.
By using the three registers defined above, the sensor can in theory be controlled with just the SPI
interface plus 2 timing inputs (RST_N and CLK_IN) at the cost of a slightly reduced timing accuracy
(because the registers are loaded via the SPI interface).
The two HALT commands can be used to stop any active sensor operation and return the sensor to
the IDLE state, waiting for new requests. The difference between the two is:
●
CMD_HALT_BLOCK: When asserted, the active READOUT is finished before moving to IDLE
state.
●
CMD_HALT_NBLOCK: When asserted, all the operations are stopped immediately and the
sensor directly moves to IDLE state.
The HALT commands are a good way to get the sensor out of the Streaming control mode without
asserting any reset.
7.3
Sensor Readout Format
The sensor puts out image data in a format similar to the CMV sensor family. Sub-LVDS channels are
used for data transfer, with separate clock and control channels running in parallel, to be used for data
sampling and sync codes.
The CSG14K_CSG8K has sub-LVDS (low voltage differential signaling) outputs to transport the image
data to the surrounding system. Data is read out simultaneously from both sides (top and bottom) of
the pixel array. The sensor has the following channels on each side:
●
8 Data channels
●
1 OB data channel (optional)
●
1 Control channel
●
1 Clock channel
In total, the sensor has 22 sub-LVDS output pairs (2 pins for each sub-LVDS channel). This means
that a total of 44 pins of the CSG14K_CSG8K are used for the sub-LVDS outputs. See the pin list for
the exact pin numbers of the sub-LVDS outputs.
The data channels are used to transfer the pixel data from the sensor to the receiver in the
surrounding system.
The output clock channel transports a clock, synchronous to the data on the other sub-LVDS
channels. This clock should be used at the receiving end to sample the data. This clock is a DDR
clock, which means that the frequency will be half of the output data rate. When 1250 Mbit/s output
data rate is used, the sub-LVDS output clock will be 625 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com