Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 93 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 93 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 89Page - ams AG CSG14K_CSG8K Datasheet HTML 90Page - ams AG CSG14K_CSG8K Datasheet HTML 91Page - ams AG CSG14K_CSG8K Datasheet HTML 92Page - ams AG CSG14K_CSG8K Datasheet HTML 93Page - ams AG CSG14K_CSG8K Datasheet HTML 94Page - ams AG CSG14K_CSG8K Datasheet HTML 95Page - ams AG CSG14K_CSG8K Datasheet HTML 96Page - ams AG CSG14K_CSG8K Datasheet HTML 97Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 92
To support AWB and/or AEC/AGC algorithms in the camera, the sensor produces a 32-bin histogram
for each color channel of the frame that has been sent out. A total histogram (4 color channels
combined) is also sent out. The histogram data is gathered from pixels in dual exposure group 'L'.
Next to the 32 equally distributed bins, also the number of clipped black and clipped white pixels is
sent out.
Note that due to the dual sided readout, 2 image statistics blocks are sent off-chip: one for the top part
and one for the bottom part of the sensor. All statistical data need to be combined to get the
histograms of the total pixel array.
Image statistics are always transferred over the DATA0_OUT channels, one histogram per row time.
Valid image statistics data are indicated by the SVAL bit on the CTR_OUT channel.
The figure below shows the output sequence of a single histogram on a single channel.
Figure 116:
Timing Histogram Data
Every element of the histogram data is split into two consecutive output words (length set by
OUTP_BITMODE). The LSBs are always placed in the first of these two words of the element. The
various elements are listed in the table below.
Figure 117:
Histogram Elements
Element #
Name
Description
0
All-1
Start of sequence marker
1
ID
Histogram ID:
0 = All color channels
1 = Pixels of even rows, even columns
2 = Pixels of even rows, odd columns
3 = Pixels of odd rows, even columns
4 = Pixels of odd rows, odd columns
2
C0
Bin containing the pixels that are 0
3-34
B0-B31
32 equally sized histogram bins spread over the entire output range
35
C31
Bin containing the pixels that have the maximum value in the active bit
mode (defined by DPATH_BITMODE)
SVAL
DATA0_OUT
all-1
TP
TP
ID
C0
1 output
word
B0
B1
Bx
B31
C31
TP
TP
72 output words



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com