Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 25 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 25 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 21Page - ams AG CSG14K_CSG8K Datasheet HTML 22Page - ams AG CSG14K_CSG8K Datasheet HTML 23Page - ams AG CSG14K_CSG8K Datasheet HTML 24Page - ams AG CSG14K_CSG8K Datasheet HTML 25Page - ams AG CSG14K_CSG8K Datasheet HTML 26Page - ams AG CSG14K_CSG8K Datasheet HTML 27Page - ams AG CSG14K_CSG8K Datasheet HTML 28Page - ams AG CSG14K_CSG8K Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 24
Figure 16:
Power-Up Sequence (not to scale)
7.2.3
Clocking
The sensor has two CMOS clock inputs: SPI_CLK and CLK_IN. SPI_CLK is part of the SPI interface
used to configure the sensor. All other internal sensor clocks are derived from the PLL running on
CLK_IN.
Refer to section 5 for the electrical specifications of the input clocks and to section 7.4.3 for the
configuration procedure of the PLL.
7.2.4
SPI and Register Access
The sensor operation must be configured by uploading register settings. These static register values
control the behavior of the sequencer on the chip, but also of all the analog and mixed-signal blocks.
To write and read register settings the SPI interface is used.
The SPI (Serial Peripheral Interface) consists of four wires, as shown in Figure 17.
The CSG14K_CSG8K image sensor always operates as the SPI slave. A single SPI access always
consists of:
●
Transfer of a control bit from master to slave to specify the transfer direction (read or write).
●
Transfer of 7-bit register address from master to slave.
●
Transfer of 8-bit data from master to slave (write operation) or from slave to master (read
operation).
Figure 17:
SPI Signal Overview
Pin Name
Direction
Purpose
SPI_CSN
Sensor Input
Active-low chip select
VDD33*, VDD12*, VDDPIX
VDD45, VSSNEG
CLK_IN
RST_N
SPI
PLL_LOCK
REQ_EXP
sensor state
1µs
1ms
1µs
soft reset
hard reset
idle
uploads
uploads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com