Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 34 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 34 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 30Page - ams AG CSG14K_CSG8K Datasheet HTML 31Page - ams AG CSG14K_CSG8K Datasheet HTML 32Page - ams AG CSG14K_CSG8K Datasheet HTML 33Page - ams AG CSG14K_CSG8K Datasheet HTML 34Page - ams AG CSG14K_CSG8K Datasheet HTML 35Page - ams AG CSG14K_CSG8K Datasheet HTML 36Page - ams AG CSG14K_CSG8K Datasheet HTML 37Page - ams AG CSG14K_CSG8K Datasheet HTML 38Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 33
7.2.5
Soft Reset
Figure 30:
Soft Reset Register
Reg.Name
B
Addr
Bits
Description
CMD_REGS.CMD_RST_SOFT_N
0
6
[0]
0: Soft-reset active (brings the sensor in soft-reset state)
1: Soft-reset inactive
The sensor has an asynchronous reset input pin (RST_N) and an asynchronous reset register
(CMD_RST_SOFT_N). Both are active-low.
When combined, they have the following function:
●
RST_N: Reset the entire sensor when low. This is considered a hard reset.
●
CMD_RST_SOFT_N: Reset the entire sensor, except the SPI interface and register bank when
low. This is considered a soft reset.
As long as RST_N is high, all registers retain their value when CMD_RST_SOFT_N is low.
The procedures to assert and release soft reset are described in detail in section 7.4.3.
7.2.6
Controlling Exposure and Readout
This section explains the different ways the exposure of a frame can be started and ended. First some
important concepts of the frame timing model are explained.
Basic Frame Timing
During operation, the sensor can be in any of the following states:
●
RESET: Asynchronous sensor reset is low, disabling the sensor entirely
●
IDLE: Sensor is not doing anything while waiting for external requests
●
EXPOSURE: Light is being integrated in the pixels
●
GLOB: Closing global shutter by sampling all integrated pixel values
●
READOUT: Reading out the acquired frame plus meta data and mandatory overhead
A distinction can be made between two basic frame timing operations (sequential and pipelined
operation), as detailed in the following two sections.
Sequential Operation
In sequential operation, the sensor goes through a sequential succession of EXPOSURE - GLOB -
READOUT to grab a single image, as indicated in the figure below. When a cycle like this has been
completed, the sensor is again in an IDLE state, waiting for new commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com