Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 37 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 37 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 33Page - ams AG CSG14K_CSG8K Datasheet HTML 34Page - ams AG CSG14K_CSG8K Datasheet HTML 35Page - ams AG CSG14K_CSG8K Datasheet HTML 36Page - ams AG CSG14K_CSG8K Datasheet HTML 37Page - ams AG CSG14K_CSG8K Datasheet HTML 38Page - ams AG CSG14K_CSG8K Datasheet HTML 39Page - ams AG CSG14K_CSG8K Datasheet HTML 40Page - ams AG CSG14K_CSG8K Datasheet HTML 41Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 36
Figure 33:
State Diagram: Sequential Operation with Shutter Lag
The distinction is important because the EXPOSURE state is the direct response of external control
(through sensor I/O requests or register settings), but it is the actual exposure that really matters to the
user.
In the remainder of the document, when the concept of exposure or exposure time is mentioned, it will
always be about the EXPOSURE state, unless stated otherwise. The reader should always bear in
mind that the actual exposure is delayed in time with respect to this EXPOSURE state due to the
shutter lag mechanism.
In Figure 33, the shutter lag is shown under sequential operating conditions only, but note that the
shutter lag is present in all operation modes.
The shutter lag is always present at the end of the EXPOSURE period, since part of the actual
exposure time will always extend into the GLOB state. This is sometimes called "exposure overlap".
The shutter lag at the beginning of the EXPOSURE periods is introduced artificially to compensate for
this exposure overlap.
The shutter lag matching
can also be disabled to operate in “no shutter lag”-mode. In that case, the
sensor will move to the exposure state after a maximum internal latency of 33 * tCLK_PIX when it
receives an exposure request. The start of the actual exposure happens together with the start of the
exposure state. As a result, the length of the actual exposure time is larger than the length of the
EXPOSURE state (the exposure overlap is added). Figure 34 shows the state diagram with the no
shutter lag.
EXPOSURE
GLOB
IDLE
RESET
READOUT
Actual
exposure
Δt = shutter
lag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com