Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 85 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 85 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 81Page - ams AG CSG14K_CSG8K Datasheet HTML 82Page - ams AG CSG14K_CSG8K Datasheet HTML 83Page - ams AG CSG14K_CSG8K Datasheet HTML 84Page - ams AG CSG14K_CSG8K Datasheet HTML 85Page - ams AG CSG14K_CSG8K Datasheet HTML 86Page - ams AG CSG14K_CSG8K Datasheet HTML 87Page - ams AG CSG14K_CSG8K Datasheet HTML 88Page - ams AG CSG14K_CSG8K Datasheet HTML 89Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 84
7.6
Configuring the Output Data Format
7.6.1
Word Alignment
Figure 102:
Training Word Register
Reg. Name
Bank
Addr
Bits
Description
TRAINING_WORD
0
73-74
[13:0]
See below. Default value is 85
Whenever a data channel is not sending valid data (*), a training word is being transmitted
continuously. The content of the training word can be set with the TRAINING_WORD register. When
the sensor operates in 12-bit mode, only the lowest 12 bits of the register are sent as training word.
On all DATAx_OUT channels, the last word cycle before DVAL, the training word is inverted. If the
overhead time between two DVAL cycles is only 1 word wide, only the inverted training word is sent.
(*) Valid data is:
●
DATAx_OUT: Valid pixel data (DVAL = '1')
●
OB_OUT: Valid OB pixel data (OBVAL = '1')
The figure below shows illustrates this timing (drawn in the parallel domain).
Figure 103:
Training Pattern
When the sensor is not transmitting valid data, the training word can be used by the external controller
to do word alignment (in other words: finding the position of bit [0]). Detecting the inverted training
word will alert the presence of valid pixel data 1 pixel cycle in advance.
When the sensor is IDLE, all control word bits except the LSB (SYNC) are '0'. Detecting the SYNC bit
allows for easy word alignment at the receiver side.
7.6.2
Outputs
As illustrated in Figure 51 the sensor has 8 output channels on each side to transfer valid image data.
This means that in the fastest configuration, the sensor can output 16 pixels at the same time. As the
DVAL
DATAx_OUT
TP
TP
TP
P0
P1
...
Pn
TP
TP
TP
TP
P0
P1
...
Pn
TP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com