Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 83 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 83 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 79Page - ams AG CSG14K_CSG8K Datasheet HTML 80Page - ams AG CSG14K_CSG8K Datasheet HTML 81Page - ams AG CSG14K_CSG8K Datasheet HTML 82Page - ams AG CSG14K_CSG8K Datasheet HTML 83Page - ams AG CSG14K_CSG8K Datasheet HTML 84Page - ams AG CSG14K_CSG8K Datasheet HTML 85Page - ams AG CSG14K_CSG8K Datasheet HTML 86Page - ams AG CSG14K_CSG8K Datasheet HTML 87Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 82
7.5.5
Subsampling
Mode
Combining both horizontal and vertical subsampling will divide the resolution of the image by 2 in both
dimensions as illustrated in Figure 98.
Figure 98:
XY-Subsampling for Color and Mono Sensors
In color mode, only 4 out of 4x4 neighboring pixels are read out. The output data is still Bayer
patterned.
In monochrome mode, only 1 out of 2x2 neighboring pixels is read out.
The amount of pixels per channel mentioned in section 7.6.2, scales accordingly when combining
horizontal subsampling with the readout over a reduced number of data channels.
Vertical Subsampling
Figure 99:
Vertical Subsampling Registers
Register Name
Bank
Addr
Bits
Description
YWINi.SUBS
0
18+4×i
[30:28]
Row subsampling in window i
COLOR_MODE
4
4
[0]
0: Monochrome
1: Color
The sensor supports vertical subsampling (skipping rows), which can be set per window. The register
YWINi.SUBS defines the ratio of the accessed rows in window i as 1 out of every 2SUBS rows.
When COLOR_MODE register is set to 1, the rows are grouped per 2 to follow the Bayer pattern, as
illustrated in Figure 100. It is recommended to only use even window sizes in color mode to keep the
Bayer filter pattern intact. ROI0 in the example below demonstrates the effect of an odd window size.
4
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com