Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 100 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 100 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 96Page - ams AG CSG14K_CSG8K Datasheet HTML 97Page - ams AG CSG14K_CSG8K Datasheet HTML 98Page - ams AG CSG14K_CSG8K Datasheet HTML 99Page - ams AG CSG14K_CSG8K Datasheet HTML 100Page - ams AG CSG14K_CSG8K Datasheet HTML 101Page - ams AG CSG14K_CSG8K Datasheet HTML 102Page - ams AG CSG14K_CSG8K Datasheet HTML 103Page - ams AG CSG14K_CSG8K Datasheet HTML 104Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 99
Uncalibrated Temperature Measurement
To perform an uncalibrated temperature measurement, with an accuracy of ±5°C, follow this
procedure:
1.
Set TSENS_CONTROL to 1 (power-up temperature sensor)
2.
Wait for 100 µs
3.
Set TSENS_CONTROL to 31
4.
Wait for 10 µs
5.
Set TSENS_CONTROL to 27
6.
Wait for 1 µs
7.
Set TSENS_CONTROL to 11
8.
Wait for 1 µs
9.
Set TSENS_CONTROL to 9
10.
Wait for 1 µs
11.
Set TSENS_CONTROL to 33
12.
Wait for 200 µs
13.
Read TSENS_REF and TSENS_CONV
14.
Calculate the uncalibrated temperature with the equation
Equation 17:
������ [°������] =
425 × ������������������������������_������������������������
������������������������������_������������������
− 273.15
15.
To start a new measurement, go back to step 3
16.
To power down the temperature sensor, set TSENS_CONTROL to 0
Information
The temperature measurement uses the internal clock. This means that the sensor must have
followed the flow chart in section 7.4.3 until at least the soft reset release step before a temperature
measurement can be started.
Calibrated Temperature Measurement
The accuracy of temperature measurements can be improved to ±1°C after performing a single-point
calibration.
During wafer test, temperature is measured in a controlled environment. Calibration data is written to
the OTP memory of the sensor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com