Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 70 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 70 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 66Page - ams AG CSG14K_CSG8K Datasheet HTML 67Page - ams AG CSG14K_CSG8K Datasheet HTML 68Page - ams AG CSG14K_CSG8K Datasheet HTML 69Page - ams AG CSG14K_CSG8K Datasheet HTML 70Page - ams AG CSG14K_CSG8K Datasheet HTML 71Page - ams AG CSG14K_CSG8K Datasheet HTML 72Page - ams AG CSG14K_CSG8K Datasheet HTML 73Page - ams AG CSG14K_CSG8K Datasheet HTML 74Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 69
#
Register
Bank
Address
Value
4
-
3
96
241
5
-
-
1
0
6
-
3
96
243
7
EN_ADC_RST_N
1
101
1
8
EN_CLK_ADC
1
100
1
Assert Soft Reset
To return the sensor to the soft reset state, the following register uploads need to be applied.
Figure 79:
Assert Soft Reset Sequence
#
Register
Bank
Address
Value
1
CMD_REGS
0
6
0
2
EN_CLK_MAIN
0
90
0
3
-
-
1
1
4
-
3
96
240
5
-
-
1
0
6
-
3
96
240
7
EN_ADC_RST_N
1
101
0
8
EN_CLK_ADC
1
100
0
Asserting the soft reset does not affect the PLL. However, internal clock generation and distribution
are disabled when the soft reset is asserted. The soft reset has to be released again before any
frames can be grabbed.
Attention
Asserting the soft reset stops the output drivers. Any phase alignment done by the external system
is lost and should be redone when the soft reset is released.
Set ROI
Refer to section 7.5.3 for details on configuring the vertical ROI. Refer to section 7.5.4 for details on
configuring the horizontal ROI.
In case of operation in IMG.3 (10-bit small window mode), the following sequence of SPI writes is
required for correct sensor configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com