Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 76 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 76 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 72Page - ams AG CSG14K_CSG8K Datasheet HTML 73Page - ams AG CSG14K_CSG8K Datasheet HTML 74Page - ams AG CSG14K_CSG8K Datasheet HTML 75Page - ams AG CSG14K_CSG8K Datasheet HTML 76Page - ams AG CSG14K_CSG8K Datasheet HTML 77Page - ams AG CSG14K_CSG8K Datasheet HTML 78Page - ams AG CSG14K_CSG8K Datasheet HTML 79Page - ams AG CSG14K_CSG8K Datasheet HTML 80Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 75
Component
Description
Equation
trow
Row length
ROW_LENGTH
· tCLK_PIX
Nfval
Number of valid rows in frame
sum(YWINenabled.SIZE)
Ndummy
Number of dummy rows in frame
IMG.3: 3
Others: 7
Nstats
Number of image statistics rows in frame
STAT_NROF_HIST
TU is time unit expressed in seconds, not to be confused with contents of register TIME_UNIT. The
tread component corresponds to the length of the READOUT state used in section 7.2.6.
In the external control modes, the same frame time equation should be respected to not interrupt the
readout of active frames.
The Ndummy component represents a number of dummy rows read out between the GLOB and
READOUT phase. Depending on the configuration used, this number varies between 3 and 7.
Attention
If the above equation is not respected, the sensor behavior is undefined and no warning or error
message is generated. It is the responsibility of the external controller to apply compliant register
settings.
The equation above specifies a minimum frame time. The maximum frame time is only constrained by
the limits of the relevant registers.
Attention
The sensor has an absolute minimal exposure time, which is image mode dependent (see
parameter texp,min in Figure 8 for applicable value).
Maximum Frame Rate Calculation
The maximum frame rate in any user configuration can be calculated with the formula below. Refer to
the previous section for the registers and formulas for the constituting times. The maximum frame rate
per image mode provided in Figure 8.
Equation 7:
������������������������������ ������������������������ =
1
������������������������������ ������������������������
=
1
������������������������������ + ������������������������������



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com