Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 21 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 21 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 17Page - ams AG CSG14K_CSG8K Datasheet HTML 18Page - ams AG CSG14K_CSG8K Datasheet HTML 19Page - ams AG CSG14K_CSG8K Datasheet HTML 20Page - ams AG CSG14K_CSG8K Datasheet HTML 21Page - ams AG CSG14K_CSG8K Datasheet HTML 22Page - ams AG CSG14K_CSG8K Datasheet HTML 23Page - ams AG CSG14K_CSG8K Datasheet HTML 24Page - ams AG CSG14K_CSG8K Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 20
7.1.9
PLL
Various clock frequencies are required internally to operate the sensor. These are derived from a
single input frequency using an on-chip PLL. Through configuration over SPI, a range of input clock
frequencies is supported.
The main internal clocks are:
●
CLK_ADC is the PLL output clock and is used to operate the ADC.
●
CLK_SER is the sub-LVDS output clock (625 MHz for 1.25 Gbit/s).
●
CLK_PIX is the pixel clock and has a ratio of:
●
1:5 of CLK_SER in 10-bit ADC mode
●
1:6 of CLK_SER in 12-bit ADC mode
7.1.10
OTP Memory
A non-volatile, one time programmable memory is included on-chip. This is programmed with unique
identifier and temperature sensor calibration data.
7.2
Operating the Sensor
This section explains how to connect and power the sensor, as well as basic recipes of how to
configure the sensor in a certain operation mode.
7.2.1
Power Supplies
External Power Supplies
To power the sensor, eight externally generated supplies are required as listed in Figure 6. A Figure 6
distinction is made between digital supplies (VDD12, VDD12C, VDD33D, VDD12_PLL) and analog
supplies (VDD33, VDDPIX, VDD45, VSSNEG). Avoid using switching power supplies when possible,
especially for the analog supplies.
Sufficient bulk (at the regulators) and local (at the sensor pins) decoupling is needed, see Figure 13. In
case of multiple pins for the same supply, local decoupling must be foreseen for each pin (e.g. 3
capacitors for the 3 VDDPIX pins). Separate ground planes must be provided to minimize coupling.
For optimal noise performance, it is advised to keep the analog and digital ground nets separated and
connect them together as close as possible to the external supply regulators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com