Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 69 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 69 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 65Page - ams AG CSG14K_CSG8K Datasheet HTML 66Page - ams AG CSG14K_CSG8K Datasheet HTML 67Page - ams AG CSG14K_CSG8K Datasheet HTML 68Page - ams AG CSG14K_CSG8K Datasheet HTML 69Page - ams AG CSG14K_CSG8K Datasheet HTML 70Page - ams AG CSG14K_CSG8K Datasheet HTML 71Page - ams AG CSG14K_CSG8K Datasheet HTML 72Page - ams AG CSG14K_CSG8K Datasheet HTML 73Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 68
The maximum frame time is achieved when the ROW_LENGTH register is set to its minimal allowed
value as per below equation.
Equation 3
– ROW_LENGTH register limitation:
ROW_LENGTH ≥ max(������������������_������������������������������������������������������, ������������������������������ + 12)
Where KSIZE refers to the register value and ROW_LENGTHmin is image mode dependent (see
Figure 61).
Refer to section 7.5.2 for further details on this register.
Set Control Mode
Depending on the selected sensor control mode (see 7.4.2), the following SPI register settings must
be written. Refer to section 7.2.7 for a detailed description of the control modes.
Figure 77:
Control Mode Register
Register
Bank
Address
SEN.1
SEN.2
SEN.3
SEN.4
CTRL_MODE
0
11
0
1
2
3
SEN.1 (Full External) provides maximal freedom to the user as all exposure and frame control is
external to the sensor. It is also the most complex mode, as the user is responsible for generating
correct timing of the request pulses (REQ_EXP and REQ_FRAME). The other control modes each
add a little intelligence to the sensor, making it easier for the user to control the frame acquisition.
When choosing the sensor control mode, it is important to consider the latency between the external
REQ_EXP request and the start of the first exposure on the image array. The SEN.2, SEN.3 and
SEN.4 control modes all have an additional latency of 1 Time Unit. The SEN.1 control mode does not
have this additional latency.
Release Soft Reset
Once the PLLs are locked, the sensor can be released from soft reset and the main clock can be
enabled, by applying the following register write sequence.
Figure 78:
Release Soft Reset Sequence
#
Register
Bank
Address
Value
1
CMD_REGS
0
6
1
2
EN_CLK_MAIN
0
90
1
3
-
-
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com