Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 64 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 64 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 60Page - ams AG CSG14K_CSG8K Datasheet HTML 61Page - ams AG CSG14K_CSG8K Datasheet HTML 62Page - ams AG CSG14K_CSG8K Datasheet HTML 63Page - ams AG CSG14K_CSG8K Datasheet HTML 64Page - ams AG CSG14K_CSG8K Datasheet HTML 65Page - ams AG CSG14K_CSG8K Datasheet HTML 66Page - ams AG CSG14K_CSG8K Datasheet HTML 67Page - ams AG CSG14K_CSG8K Datasheet HTML 68Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 63
Figure 67:
Power-Down and Ramp-Down Sequences
Common Upload (2)
Dependent on the static sensor operation mode, a certain group of settings referred to as the
Common Upload (2) must be uploaded in the specified order. In contrast to Common Upload (1),
these settings depend on the user’s choice of static sensor operation mode. Switching between static
operation modes requires a complete new Common Upload (2). The commands found in Common
Upload (2) are similar to Common Upload (1) and follow the same rules.
Figure 68 gives an overview of which file to use as Common Upload (2) for all sensor operating
modes.
Figure 68:
Common Upload (2) for Sensor Operating Modes
Operating Mode
Common Upload (2)
IMG.1: 10-bit
CSG14K_common_upload_2_10bit.txt
IMG.2: 10-bit Short Exposure
CSG14K_common_upload_2_10bit_short_exp.txt
IMG.3: 10-bit Small Window
CSG14K_common_upload_2_10bit_small_win.txt
IMG.4: 12-bit
CSG14K_common_upload_2_12bit.txt
IMG.5: 12-bit Short Exposure
CSG14K_common_upload_2_12bit_short_exp.txt
IMG.7: 12-bit Binning
CSG14K_common_upload_2_12bit_binning.txt
In addition to the Common Upload sequence, an additional SPI write is required to indicate if the
sensor has a monochrome pixel array, or includes the Bayer RGB color pattern. Configure the sensor
according to Figure 69. Besides the COLOR_MODE, also 2 additional registers need to be set when
using a color sensor in binning mode. Make sure not to overwrite other bits of register 118.
VDD45
VSSNEG
Tpd1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com