Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 80 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 80 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 76Page - ams AG CSG14K_CSG8K Datasheet HTML 77Page - ams AG CSG14K_CSG8K Datasheet HTML 78Page - ams AG CSG14K_CSG8K Datasheet HTML 79Page - ams AG CSG14K_CSG8K Datasheet HTML 80Page - ams AG CSG14K_CSG8K Datasheet HTML 81Page - ams AG CSG14K_CSG8K Datasheet HTML 82Page - ams AG CSG14K_CSG8K Datasheet HTML 83Page - ams AG CSG14K_CSG8K Datasheet HTML 84Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 79
Only windows for which the respective bit in YWIN_ENA is set high are actually read out. This way
multiple relevant Y-window specifications can be stored in the register map at the same time, enabling
only the relevant ones.
All enabled windows are concatenated together (the first row of a new window is read immediately
after the last row of the previous). The number of rows actually read in one frame (= # of DVAL within
one FVAL) is the sum of the SIZE fields of all windows enabled by YWIN_ENA.
The figure below shows an example of using multiple windows.
Figure 94:
Vertical ROI Example (monochrome)
Attention
Because the readout is dual-sided (top/bottom), the sensor top sequencer must be programmed to
only access rows in the upper half of the array (1860 to 3719) and the bottom sequencer to only
access rows in the lower half of the array (0 to 1859).
Small Window Mode
When reading out small windows, the unused rows are disabled to decrease the global sampling time
and finally increase the frame rate. For more details, refer to section 7.4.1.
Electrical Black Windows
With the YWIN_BLACK register, windows can be made 'electrical black' (setting a fixed voltage at the
read out path instead of the pixel voltage). If the respective bit of the YWIN_BLACK register is set high
(same mapping as YWIN_ENA), then all signal information in the window is suppressed. This results
in a black window containing only readout FPN information. This feature could be used for column
FPN correction.
FVAL
3
100
0
YWIN0
2
0
1
YWIN1
0 0 0 0 0 0 1 0 1 1
YWIN_ENA
5
200
0
YWIN2
4
50
3
YWIN3
DVAL
100
YADDR
101
102
0
2
50
58
66
74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com