Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 94 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 94 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 90Page - ams AG CSG14K_CSG8K Datasheet HTML 91Page - ams AG CSG14K_CSG8K Datasheet HTML 92Page - ams AG CSG14K_CSG8K Datasheet HTML 93Page - ams AG CSG14K_CSG8K Datasheet HTML 94Page - ams AG CSG14K_CSG8K Datasheet HTML 95Page - ams AG CSG14K_CSG8K Datasheet HTML 96Page - ams AG CSG14K_CSG8K Datasheet HTML 97Page - ams AG CSG14K_CSG8K Datasheet HTML 98Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 93
All pixels in bin C0 are also part of bin B0. In the same way, all pixels in bin C31 are part of bin B31.
Not all pixels are included in the statistics gathering, although the selected pixels are evenly
distributed over the image. The spatial distribution is configured by setting STAT_FREQ. The best
distribution is achieved when it is set to 8.
The total amount of pixels included in the histogram depends on a number of readout settings,
therefore the histogram bins must be compared in a relative way.
ERRATUM: The last word of bin C31 is not transmitted off-chip. The amount of data words per
histogram is 71, instead of 72 as indicated in Figure 14. As a result, bin C31 is not usable and should
be discarded by the user.
7.8.2
In-Line Streaming Mode
Figure 118:
In-Line Streaming Mode Registers
Register Name
Bank
Addr
Bits
Description
CTRL_MODE
0
11
[2:0]
4: In-line streaming mode
EXP_TIME_INL
0
12-13
[13:0]
Exposure time in in-line streaming mode. Expressed as
multiples of ROW_LENGTH
ROW_LENGTH
4
18-19
[13:0]
See section 7.5.2
YWIN_ENA
4
28-29
[9:0]
See section 7.5.3
YWINi
0
18+4×i
[30:0]
See section 7.5.3
The default frame sequence contains a number of overhead rows (see tread in section 7.5.1, subsection
“Minimal Frame Time Constraint”). Some of the overhead rows, like tstats can be skipped, others not.
Under nominal conditions, these overhead rows do not have a significant impact on the total
throughput because their amount is small compared to the number of valid rows being read (tfval).
If the number of valid rows being read is small ("line scan mode"), however, these overhead rows do
have a significant impact on the maximum achievable frame rate. The in-line streaming mode removes
these overhead rows to achieve a higher frame rate.
Equation 16:
������������������������������������ = ������glob + ������������������������ × ������������������������������
In-line streaming mode is typically used with small Y-windows. In this case, the GLOB length can be
reduced to further increase the frame rate.
The in-line streaming mode is enabled by setting the CTRL_MODE register to 4. Just like in normal
streaming mode, the stream is started with a rising edge on REQ_EXP. The stream stays active
forever until externally stopped (with a software non-blocking HALT command or (soft) reset).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com