Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 43 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 43 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 39Page - ams AG CSG14K_CSG8K Datasheet HTML 40Page - ams AG CSG14K_CSG8K Datasheet HTML 41Page - ams AG CSG14K_CSG8K Datasheet HTML 42Page - ams AG CSG14K_CSG8K Datasheet HTML 43Page - ams AG CSG14K_CSG8K Datasheet HTML 44Page - ams AG CSG14K_CSG8K Datasheet HTML 45Page - ams AG CSG14K_CSG8K Datasheet HTML 46Page - ams AG CSG14K_CSG8K Datasheet HTML 47Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 42
Expanding this to a timing diagram gives similar timings to the ones shown in Figure 38 with
REQ_FRAME continuously low.
Since this mode is so similar to the Full External mode, also the lists of invalid and special control
timing are quite similar.
Figure 43:
Programmed External Mode: Invalid and Special Control Timing
#
Invalid Control Timing
Sensor Response
PE_i0
REQ_EXP during GLOB
Same response as FE_i0
PE_i1
EXPOSURE time expires during GLOB
Same response as FE_i1
#
Special Control Timing
Sensor Response
PE_s0
REQ_EXP during EXPOSURE
Same response as FE_s0
PE_s1
EXPOSURE time expires during READOUT
Same response as FE_s1
PE_s2
Any pulse on REQ_FRAME
Will be ignored
Control Mode 2: Triggered Internal
Both external control modes have in common that every external request results in exactly one sensor
response:
●
In Full External mode:
●
Each REQ_EXP initiates 1 EXPOSURE period
●
Each REQ_FRAME initiates 1 GLOB period, followed by READOUT
●
In Programmed External mode:
●
Each REQ_EXP initiates the complete readout of 1 frame (EXPOSURE, GLOB and
READOUT).
This means that in those two modes, the frame rate is fully controlled externally by timing the
requests.
In the Triggered Internal mode, a single request is followed by a programmable number of frames, at a
frame rate also set by register upload.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com