Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 48 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 48 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 44Page - ams AG CSG14K_CSG8K Datasheet HTML 45Page - ams AG CSG14K_CSG8K Datasheet HTML 46Page - ams AG CSG14K_CSG8K Datasheet HTML 47Page - ams AG CSG14K_CSG8K Datasheet HTML 48Page - ams AG CSG14K_CSG8K Datasheet HTML 49Page - ams AG CSG14K_CSG8K Datasheet HTML 50Page - ams AG CSG14K_CSG8K Datasheet HTML 51Page - ams AG CSG14K_CSG8K Datasheet HTML 52Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 47
Figure 49:
State Diagram: Streaming Mode
Because of the nature of the streaming mode, there is no such thing as invalid or special control
timing. Once started, it will be forever looping and all further REQ_EXP and REQ_FRAME pulses are
ignored.
7.2.8
Software Commands
Figure 50:
Software Command Registers
Reg.Name
Bank
Addr
Bits
CMD_REGS.CMD_RST_SOFT_N
0
6
[0]
CMD_REGS.CMD_REQ_EXP
0
6
[1]
CMD_REGS.CMD_REQ_FRAME
0
6
[2]
CMD_REGS.CMD_HALT_BLOCK
0
6
[3]
CMD_REGS.CMD_HALT_NBLOCK
0
6
[4]
The register bits CMD_REQ_EXP and CMD_REQ_FRAME are equivalent to their sensor input
counterparts REQ_EXP and REQ_FRAME. The sensor REQ_EXP and REQ_FRAME inputs can
therefore be tied low to use the register uploads for frame timing control. By setting the CMD register
bit, the respective command is sent to the internal control logic. The CMD bits are not automatically
1st
EXPOSURE
GLOB
IDLE
RESET
READOUT
(N)
EXPOSURE
(N+1)
rising (REQ_EXP)
after (exposure time)
after (frame time)
after (ExpDelay) **
**
=> ExpDelay = frame time
– exp time
HALT command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com