Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 8 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 8 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 4Page - ams AG CSG14K_CSG8K Datasheet HTML 5Page - ams AG CSG14K_CSG8K Datasheet HTML 6Page - ams AG CSG14K_CSG8K Datasheet HTML 7Page - ams AG CSG14K_CSG8K Datasheet HTML 8Page - ams AG CSG14K_CSG8K Datasheet HTML 9Page - ams AG CSG14K_CSG8K Datasheet HTML 10Page - ams AG CSG14K_CSG8K Datasheet HTML 11Page - ams AG CSG14K_CSG8K Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Pin Assignment
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 7
Pin Number
Pin Name
Pin Type(1)
Description
K1, K17, K18, K2, L1, L17,
L18, L2, N17, O17
VSS33
G
Analog ground
C1, C2, S1
VDD33D
S
IO supply
J1, J2, M1
VDDPIX
S
Pixel supply
A7, B14, B4, C11, C12, S11,
S12, T14, T4, U7
VDD12
S
Digital supply
A12, B3, B9, C16, C6, S16,
S6, T3, T9, U12
VSS12
G
Digital ground
C14, C8, C9, S10, S14, S8, S9
VDD12C
S
ADC supply
C13, F1, F2, N1, N2, S13, S5
VSS12C
G
ADC ground
C10, P1
VDD12_PLL
S
PLL supply
C5, P2
VSS12_PLL
G
PLL ground
S15
-
G
Connect to VSS33
C15
VDD45
S
Regulator supply
S17
VSSNEG
S
Negative regulator supply
J18
VPIX1_H_IN
S
Analog supply
E18
VPIX1_L_IN
S
Analog supply
H18
VPIX2_H_IN
S
Analog supply
D18
VPIX2_L_IN
S
Analog supply
F18
VPIX3_H_IN
S
Analog supply
M17
VPIX3_L_IN
S
Analog supply
G18
VPIX4_H_IN
S
Analog supply
C18
VPIX4_L_IN
S
Analog supply
E1
SPI_CSN
DI
SPI chip select
E2
SPI_MISO
DO
SPI master in/slave out data
D2
SPI_MOSI
DI
SPI master out/slave in data
D1
SPI_CLK
DI
SPI clock
G2
REQ_FRAME
DI
Request frame (stop exposure)
G1
REQ_EXP
DI
Request exposure (start exposure)
H1
RST_N
DI
Asynchronous hard reset
H2
CLK_IN
DI
Sensor input clock
O1
JTAG_MODE
DI
JTAG Mode select. Connect to VSS33 if
JTAG is not used.
O2
SCAN_MODE
DI
Reserved for test. Connect to VSS33.
Q2, Q1, R1, R2
TDIG1..4
DO
Digital test monitor
U4, U3
U6, U5
T8, T7
U9, U8
U11, U10
T11, T10
U14, U13
T13, T12
DOUT<i>_B_N/P
HSO
Output data channel (i=1..8) at bottom



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com