Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 81 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 81 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 77Page - ams AG CSG14K_CSG8K Datasheet HTML 78Page - ams AG CSG14K_CSG8K Datasheet HTML 79Page - ams AG CSG14K_CSG8K Datasheet HTML 80Page - ams AG CSG14K_CSG8K Datasheet HTML 81Page - ams AG CSG14K_CSG8K Datasheet HTML 82Page - ams AG CSG14K_CSG8K Datasheet HTML 83Page - ams AG CSG14K_CSG8K Datasheet HTML 84Page - ams AG CSG14K_CSG8K Datasheet HTML 85Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 80
Window Overlap
Several vertical windows may overlap, although this is only useful in subsampling mode. If the same
row is read multiple times within one frame, it will only contain valid data the first time (destructive read
out).
One possibility is to create an interleaved readout scheme by:
1.
Defining two vertical windows with identical size and SUBS set to 1
2.
Giving START of the second window an offset so it starts at a row skipped by the sub sampling
scheme of the first window
3.
Alternating the respective YWIN_ENA bits between every frame.
Figure 95:
Interleaved Readout
7.5.4
Horizontal Windowing
Figure 96:
Horizontal ROI Registers
Register Name
Bank
Addr
Bits
Description
XSTART
4
20-21
[13:0]
Start column of horizontal ROI
KSIZE
4
23-24
[13:0]
Number of columns read per DATAx_OUT channel.
NR_OUTP
4
27
[3:0]
Number of DATAx_OUT channels to be used (per side)
XSUBS
4
22
[1:0]
Horizontal subsampling setting
The sensor supports reading out any horizontal region of interest starting at column XSTART and a
width of KSIZE×NR_OUTP×2XSUBS, as long as the following constraints are honored.
Equation 10:
1 ≤ ������������_������������������������ ≤ ������������������_������������_������������������������
Even frames
Odd frames
YWIN_ENA = 1
YWIN_ENA = 2
1080
0
1
YWIN0
1080
1
1
YWIN1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com