Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 23 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 23 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 19Page - ams AG CSG14K_CSG8K Datasheet HTML 20Page - ams AG CSG14K_CSG8K Datasheet HTML 21Page - ams AG CSG14K_CSG8K Datasheet HTML 22Page - ams AG CSG14K_CSG8K Datasheet HTML 23Page - ams AG CSG14K_CSG8K Datasheet HTML 24Page - ams AG CSG14K_CSG8K Datasheet HTML 25Page - ams AG CSG14K_CSG8K Datasheet HTML 26Page - ams AG CSG14K_CSG8K Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 22
Internally, the supply regulators are not connected to the actual image sensor. Connections have to be
made on PCB level (from a Vxx_H/L_OUT pin to a Vxx_H/L_IN pin). In addition, each supply regulator
requires to be decoupled by a 10 µF and 100 nF capacitor. ams recommends to use at least X7R-
rated ceramic capacitors.
To obtain an accurate bias reference in the sensor, an external bias resistor of 15.2 k
Ω must be
placed between BIAS_IDAC_RES and ground. It is advised to use a low tolerance (± 1%) and low
temperature coefficient (50 ppm/°C or better).
Next figure shows the positive and negative voltage regulator as well as the bias connections.
Figure 14:
On-Chip Regulators Connection Diagram
After power-up of the sensor, the recommended register settings will set the correct supply levels for
these regulators. Figure 14 gives an overview of the available supply regulators, the connection to the
bias pin and the required voltage on that pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com