Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 101 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 101 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 97Page - ams AG CSG14K_CSG8K Datasheet HTML 98Page - ams AG CSG14K_CSG8K Datasheet HTML 99Page - ams AG CSG14K_CSG8K Datasheet HTML 100Page - ams AG CSG14K_CSG8K Datasheet HTML 101Page - ams AG CSG14K_CSG8K Datasheet HTML 102Page - ams AG CSG14K_CSG8K Datasheet HTML 103Page - ams AG CSG14K_CSG8K Datasheet HTML 104Page - ams AG CSG14K_CSG8K Datasheet HTML 105Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 100
In section 7.8.5 we described how to read out data from OTP fuses.
Calibration of the temperature sensor readout value involves two steps:
1.
Calculate the calibration gain coefficient using following equation:
Equation 18:
������������������������ =
������������������������������������,������������������������������������������������[°������] + 273.15
������������������������������������,������������������������������������������������[°������] + 273.15
Which uses following parameters:
●
Twafer,expected is the expected temperature at wafer test, which is close to 60 ⁰C. The exact value
is stored in OTP
register “Chuck Temperature” (see Figure 124)
●
Twafer,measured is the measured (uncalibrated) temperature sensor value at wafer test. The values
can be calculated based on the temperature sensor readout values TSENS_REF and
TSENS_CONV, as
stored in OTP registers “TSENSx_CONV” and “TSENSx_REF” (see
Figure 124). Using both values, the corresponding temperature value can be calculated using
Equation 19.
This calibration gain coefficient is fixed and only needs to be calculated once.
Note that a separate calibration gain coefficient needs to be calculated for both temperature sensors.
2.
Calculate the calibrated temperature measurement value using following equation:
Equation 19:
������������������������ [°������] = ������������������������ × (������������������������������������,������[°������] + 273.15) − 273.15
7.8.7
Enable Optical Black Outputs
The OB pixels on the right side of the pixel array that are used for on-chip OB correction can be read
out through the DOUT_OB_* output channels. By default, these channels are disabled.
To enable the DOUT_OB_* channels, use the SPI sequence listed in Figure 127. Note that the
registers should only be written to the specified BLOCK_IDs.
Figure 127:
Enable OB Outputs Sequence
#
Register
Bank
Address
BLOCK_ID
Value
1
DATA_CH_CTRL
3
74
18
1027
2
DATA_CH_CTRL
3
74
19
1027



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com