Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSG14K_CSG8K Datasheet(PDF) 102 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 102 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 98Page - ams AG CSG14K_CSG8K Datasheet HTML 99Page - ams AG CSG14K_CSG8K Datasheet HTML 100Page - ams AG CSG14K_CSG8K Datasheet HTML 101Page - ams AG CSG14K_CSG8K Datasheet HTML 102Page - ams AG CSG14K_CSG8K Datasheet HTML 103Page - ams AG CSG14K_CSG8K Datasheet HTML 104Page - ams AG CSG14K_CSG8K Datasheet HTML 105Page - ams AG CSG14K_CSG8K Datasheet HTML 106Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 101
Using the DOUT_OB_* channels is optional. Using the channels requires routing additional output
channels to the receiving system.
Enabling the DOUT_OB_* channels has no impact on the regular DOUT* channels transporting the
visible pixel data.
7.8.8
Test Images
The data stream can be replaced with a number of test patterns. Selection of test mode is made with
the TEST_LVDS register as indicated in the table below.
Figure 128:
Test Images Registers
Reg. Name
Bank
Addr
Bits
Description
TEST_LVDS
0
75
[1:0]
See table below
TRAINING_WORD
0
73-74
[12:0]
Choose a value
TX_TEST_EN
3
74-75
[9:7]
See table below. Applies to
DATAx_OUT, OB_OUT and CTR_OUT
CLK_OUT.TX_TEST_EN
3
78-79
[9:7]
See table below. Applies only to
CLK_OUT
Figure 129:
Test Modes
#
TX_TEST_EN
TEST_LVDS
DATAx_OUT
OB_OUT
CTR_OUT
CLK_OUT
0
0
0
Normal
Normal
Normal
Normal
1
0
1
Force training word
continuously
Force training word
continuously
Force training word
continuously
Normal
2
0
2
Test image:
gradient
Drive constant 0
Normal
Normal
3
0
3
Test image: LFSR
Drive constant 0
Normal
Normal
4
1
-
Force clock output
Force clock output
Force clock output
Normal
5
3
-
PRBS-7
PRBS-7
PRBS-7
PRBS-7
6
4
-
PRBS-15
PRBS-15
PRBS-15
PRBS-15
Mode 0 is the functional mode. Modes 1 to 3 are test modes that replace the image data with known
data. In test mode 1, the data and OB output channels are forced to output register
TRAINING_WORD and the control channel outputs its own training word.
In test modes 2 and 3, a fixed test image is created. The CLK_OUT and CTR_OUT channels drive
their normal values, so only the actual pixel data is replaced. This is useful to debug the camera
system before grabbing real images.
In test mode 2, the data of pixel N is replaced by the value:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com