Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 191 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 191 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 187Page - National Semiconductor (TI) CS5535 Datasheet HTML 188Page - National Semiconductor (TI) CS5535 Datasheet HTML 189Page - National Semiconductor (TI) CS5535 Datasheet HTML 190Page - National Semiconductor (TI) CS5535 Datasheet HTML 191Page - National Semiconductor (TI) CS5535 Datasheet HTML 192Page - National Semiconductor (TI) CS5535 Datasheet HTML 193Page - National Semiconductor (TI) CS5535 Datasheet HTML 194Page - National Semiconductor (TI) CS5535 Datasheet HTML 195Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 555 page
background image
Revision 0.8
191
www.national.com
GLIU Register Descriptions (Continued)
5.1.1.4
GeodeLink Device Error MSR (GLIU_GLD_MSR_ERROR)
The flags are set by internal conditions. The internal conditions are enabled if the EN bit is 0. Reading the FLAG bit returns
the value; writing 1 clears the flag; writing 0 has no effect. (See Section 3.8.4 "MSR Address 3: Error Control" on page 71
for further details.)
3
STATCNT2_
ASMI_EN
Statistic Counter 2 ASMI Enable. Write 0 to enable STATCNT2_ASMI_FLAG (bit 35)
and to allow a Statistic Counter 2 (MSR 510100A8h) event to generate an ASMI.
2
STATCNT1_
ASMI_EN
Statistic Counter 1 ASMI Enable. Write 0 to enable STATCNT1_ASMI_FLAG (bit 34)
and to allow a Statistic Counter 1 (MSR 510100A4h) event to generate an ASMI.
1
STATCNT0_
ASMI_EN
Statistic Counter 0 ASMI Enable. Write 0 to enable STATCNT0_ASMI_FLAG (bit 33)
and to allow a Statistic Counter 0 (MSR 510100A0h) event to generate an ASMI.
0
SSMI_EN
SSMI Enable. Write 0 to enable SSMI_FLAG (bit 32) and to allow a received SSMI event
to generate an SSMI. (See bit 32 description for SSMI event sources.)
MSR Address
51010003h
Type
R/W
Reset Value
00000000_00000001h
GLIU_GLD_MSR_ERROR Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
87654321
0
RSVD
RSVD
GLIU_GLD_MSR_ERROR Bit Descriptions
Bit
Name
Description
63:44
RSVD
Reserved. Write as read.
43
DACOMP_
ERR_FLAG
Data Comparator Error Flag. If high, records that an ERR was generated due to a Data
Comparator (DA_COMP_VAL_LO / DA_COMP_VAL_HI, MSR 510100D0h / 510100D1h)
event. Write 1 to clear; writing 0 has no effect. DACOMP_ERR_EN (bit 11) must be low to
generate ERR and set flag.
42:40
RSVD
Reserved. Write as read.
GLIU_GLD_MSR_SMI Bit Descriptions (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com