Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 194 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 194 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 190Page - National Semiconductor (TI) CS5535 Datasheet HTML 191Page - National Semiconductor (TI) CS5535 Datasheet HTML 192Page - National Semiconductor (TI) CS5535 Datasheet HTML 193Page - National Semiconductor (TI) CS5535 Datasheet HTML 194Page - National Semiconductor (TI) CS5535 Datasheet HTML 195Page - National Semiconductor (TI) CS5535 Datasheet HTML 196Page - National Semiconductor (TI) CS5535 Datasheet HTML 197Page - National Semiconductor (TI) CS5535 Datasheet HTML 198Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 555 page
background image
www.national.com
194
Revision 0.8
GLIU Register Descriptions (Continued)
5.1.2
P2D Descriptor MSRs
5.1.2.1
P2D Base Mask Descriptors (GLIU_P2D_BM[x])
P2D Base Mask Descriptor 0 (GLIU_P2D_BM0)
P2D Base Mask Descriptor 1 (GLIU_P2D_BM1)
P2D Base Mask Descriptor 2 (GLIU_P2D_BM2)
These registers set up the Physical To Device Base Mask descriptors for determining an address hit.
MSR Address
51010020h
Type
R/W
Reset Value
000000FF_FFF00000h
MSR Address
51010021h
Type
R/W
Reset Value
000000FF_FFF00000h
MSR Address
51010022h
Type
R/W
Reset Value
000000FF_FFF00000h
GLIU_P2D_BM[x] Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
PDID1_BM
RSVD
PBASE
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
987654
3210
PBASE_BM
PMASK_BM
GLIU_P2D_BM[x] Bit Descriptions
Bit
Name
Description
63:61
PDID_BM
Physical Descriptor Destination ID. These bits define which port to route the request to
if it is a hit based on the other settings in this register.
000: Port 0 (GLIU)
100: Port 4 (DD)
001: Port 1 (GLPCI_SB)
101: Port 5 (ACC)
010: Port 2 (USBC2)
110: Port 6 (USBC1)
011: Port 3 (ATAC)
111: Port 7 (GLCP)
60
PCMP_BIZ_BM
Physical Compare BIZZARO Flag.
0: Consider only transactions whose BIZZARO flag is low as a potentially valid address
hit. A low BIZZARO flag indicates a normal transaction cycle such as a memory or
I/O.
1: Consider only transactions whose BIZZARO flag is high as a potentially valid address
hit. A high BIZZARO flag indicates a ‘special’ transaction, such as a PCI Shutdown or
Halt cycle
59:40
RSVD
Reserved. Write as read.
39:20
PBASE_BM
Physical Memory Address Base. These bits form the matching value against which the
masked value of the physical address bits [31:12] are directly compared. If a match is
found, then a hit is declared, depending on the setting of the BIZZARO flag comparator.
19:0
PMASK_BM
Physical Memory Address Mask. These bits are used to mask physical address bits
[31:12] for the purposes of this hit detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com