Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 196 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 196 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 192Page - National Semiconductor (TI) CS5535 Datasheet HTML 193Page - National Semiconductor (TI) CS5535 Datasheet HTML 194Page - National Semiconductor (TI) CS5535 Datasheet HTML 195Page - National Semiconductor (TI) CS5535 Datasheet HTML 196Page - National Semiconductor (TI) CS5535 Datasheet HTML 197Page - National Semiconductor (TI) CS5535 Datasheet HTML 198Page - National Semiconductor (TI) CS5535 Datasheet HTML 199Page - National Semiconductor (TI) CS5535 Datasheet HTML 200Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 555 page
background image
www.national.com
196
Revision 0.8
GLIU Register Descriptions (Continued)
5.1.3
GLIU Specific MSRs
5.1.3.1
Coherency (GLIU_COH)
5.1.3.2
Port Active Enable (GLIU_PAE)
MSR Address
51010080h
Type
R/W
Reset Value
00000000_00000000h
GLIU_COH Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
987654
3210
RSVD
COHP
GLIU_COH Bit Descriptions
Bit
Name
Description
63:3
RSVD
Reserved. Write as read.
2:0
COHP
Coherent Device Port. The port that coherent snoops are routed to. If the coherent device
is on the other side of a bridge, the COHP points to the bridge.
000: Port 0 (GLIU)
100: Port 4 (DD)
001: Port 1 (GLPCI_SB)
101: Port 5 (ACC)
010: Port 2 (USBC2)
110: Port 6 (USBC1)
011: Port 3 (ATAC)
111: Port 7 (GLCP)
MSR Address
51010081h
Type
R/W
Reset Value
00000000_0000FFFFh
GLIU_PAE Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
87654321
0
RSVD
PAE0
PAE7
PAE6
PAE5
PAE4
PAE3
PAE2
PAE1
GLIU_PAE Bit Descriptions
Bit
Name
Description
63:16
RSVD
Reserved. Write as read.
15:14
PAE0
Port Active Enable for Port 0 (GLIU).
00: OFF - Master transactions are disabled.
01: LOW - Master transactions limited to one outstanding transaction.
10: Reserved.
11: ON - Master transactions enabled with no limitations.
13:12
PAE7
Port Active Enable for Port 7 (GLCP).See bits [15:14] for decode.
11:10
PAE6
Port Active Enable for Port 6 (USBC1). See bits [15:14] for decode.
9:8
PAE5
Port Active Enable for Port 5 (ACC). See bits [15:14] for decode.
7:6
PAE4
Port Active Enable for Port 4 (DD). See bits [15:14] for decode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com