Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 200 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 200 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 196Page - National Semiconductor (TI) CS5535 Datasheet HTML 197Page - National Semiconductor (TI) CS5535 Datasheet HTML 198Page - National Semiconductor (TI) CS5535 Datasheet HTML 199Page - National Semiconductor (TI) CS5535 Datasheet HTML 200Page - National Semiconductor (TI) CS5535 Datasheet HTML 201Page - National Semiconductor (TI) CS5535 Datasheet HTML 202Page - National Semiconductor (TI) CS5535 Datasheet HTML 203Page - National Semiconductor (TI) CS5535 Datasheet HTML 204Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 555 page
background image
www.national.com
200
Revision 0.8
GLIU Register Descriptions (Continued)
5.1.3.7
Physical Capabilities (GLIU_PHY_CAP)
This register provides the resources available in the CS5535.
MSR Address
51010086h
Type
RO
Reset Value
327920A0_80000003h
GLIU_PHY_CAP Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
NSTAT_
CNT
NDBG_DA_
CMP
NDBG_RQ
_CMP
NPORTS
NCOH
NIOD_SC
NIOD_BM
NP2D_BMK
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
NP2D_
BMK
NP2D_SC
NP2D_RO
NP2D_R
NP2D_BMO
NP2D_BM
GLIU_PHY_CAP Bit Descriptions
Bit
Name
Description
63
RSVD
Reserved. Returns 0.
62:60
NSTAT_CNT
Number Of Statistic Counters. Provides the number of available Statistic Counters.
59:57
NDBG_DA_CMP
Number Of Data Comparators. Provides the number of available Data
Comparators.
56:54
NDBG_RQ_CMP
Number Of Request Comparators. Provides the number of available Request
Comparators.
53:51
NPORTS
Number of Ports on the GLIU. Provides the number of available ports on the GLIU.
50:48
NCOH
Number of Coherent Devices. Provides the number of available Coherent Devices.
47:42
NIOD_SC
Number of IOD_SC Descriptors. Provides the number of available IOD_SC
Descriptors.
41:36
NIOD_BM
Number of IOD_BM Descriptors. Provides the number of available IOD_BM
Descriptors.
35:30
NP2D_BMK
Number of P2D_BMK Descriptors. Provides the number of available P2D_BMK
Descriptors.
29:24
NP2D_SC
Number of P2D_SC Descriptors. Provides the number of available P2D_SC
Descriptors
23:18
NP2D_RO
Number of P2D_RO Descriptors. Provides the number of available P2D_RO
Descriptors.
17:12
NP2D_R
Number of P2D_R Descriptors. Provides the number of available P2D_R
Descriptors.
11:6
NP2D_BMO
Number of P2D_BMO Descriptors. Provides the number of available P2D_BMO
Descriptors.
5:0
NP2D_BM
Number of P2D_BM Descriptors. Provides the number of available P2D_BM
Descriptors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com