Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 204 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 204 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 200Page - National Semiconductor (TI) CS5535 Datasheet HTML 201Page - National Semiconductor (TI) CS5535 Datasheet HTML 202Page - National Semiconductor (TI) CS5535 Datasheet HTML 203Page - National Semiconductor (TI) CS5535 Datasheet HTML 204Page - National Semiconductor (TI) CS5535 Datasheet HTML 205Page - National Semiconductor (TI) CS5535 Datasheet HTML 206Page - National Semiconductor (TI) CS5535 Datasheet HTML 207Page - National Semiconductor (TI) CS5535 Datasheet HTML 208Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 555 page
background image
www.national.com
204
Revision 0.8
GLIU Register Descriptions (Continued)
5.1.3.13
Descriptor Statistic Mask (GLIU_STATISTIC_MASK[x])
Descriptor Statistic Mask 0 (GLIU_STATISTIC_MASK0)
Descriptor Statistic Mask 1 (GLIU_STATISTIC_MASK1)
Descriptor Statistic Mask 2 (GLIU_STATISTIC_MASK2)
MSR Address
510100A1h
Type
R/W
Reset Value
00000000_00000000h
MSR Address
510100A5h
Type
R/W
Reset Value
00000000_00000000h
MSR Address
510100A9h
Type
R/W
Reset Value
00000000_00000000h
GLIU_STATISTIC_MASK[x] Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
IOD_MASK
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
P2D_MASK
GLIU_STATISTIC_MASK[x] Bit Descriptions
Bit
Name
Description
63:32
IOD_MASK
Mask for Hits to each IOD. Hits are determined after the request is arbitrated.
A hit is determined by the following logical equation:
hit = |(IOD_MASK[n-1:0] & RQ_DESC_HIT[n-1:0] && is_io) | |(P2D_MASK[n-1:0] &
RQ_DESC_HIT[n-1:0] && is_mem)
31:0
P2D_MASK
Mask for Hits to each P2D.
A hit is determined by the following logical equation:
hit = |(IOD_MASK[n-1:0] & RQ_DESC_HIT[n-1:0] && is_io) | |(P2D_MASK[n-1:0] &
RQ_DESC_HIT[n-1:0] && is_mem)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com