Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 208 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 208 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 204Page - National Semiconductor (TI) CS5535 Datasheet HTML 205Page - National Semiconductor (TI) CS5535 Datasheet HTML 206Page - National Semiconductor (TI) CS5535 Datasheet HTML 207Page - National Semiconductor (TI) CS5535 Datasheet HTML 208Page - National Semiconductor (TI) CS5535 Datasheet HTML 209Page - National Semiconductor (TI) CS5535 Datasheet HTML 210Page - National Semiconductor (TI) CS5535 Datasheet HTML 211Page - National Semiconductor (TI) CS5535 Datasheet HTML 212Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 555 page
background image
www.national.com
208
Revision 0.8
GLIU Register Descriptions (Continued)
5.1.3.18
Data Compare Value High (GLIU_DA_COMP_VAL_HI)
The DA Compare Value and the DA Compare Mask enable traps on specific transactions. A hit to the DA Compare is deter-
mined by hit = (DA_IN & DA_COMP_MASK) == DA_COMP_VAL). A hit can trigger the DA_CMP error sources when they
are enabled. The value is compared only after the packet is arbitrated.
5.1.3.19
Data Compare Mask Low (GLIU_DA_COMP_MASK_LO)
The DA Compare Value and the DA Compare Mask enable traps on specific transactions. A hit to the DA Compare is deter-
mined by hit = (DA_IN & DA_COMP_MASK) == DA_COMP_VAL). A hit can trigger the DA_COMP error sources when they
are enabled. The value is compared only after the packet is arbitrated.
MSR Address
510100D1h
Type
R/W
Reset Value
0000000F_FFFFFFFFh
GLIU_DA_COMP_VAL_HI Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
DAHI_
COMPVAL
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
87654321
0
DAHI_COMPVAL
GLIU_DA_COMP_VAL_HI Bit Descriptions
Bit
Name
Description
63:36
RSVD
Reserved. Write as read.
35:0
DAHI_
COMPVAL
DA Packet Compare Value [80:45]. This field forms the upper portion of the data
value that is compared to the logical bit-wise AND of the incoming data value and the
data value compare mask in order to determine a hit. The “HI” and “LO” portions of the
incoming data, the compare value, and the compare mask, are assembled into com-
plete bit patterns before these operations occur.
MSR Address
510100D2h
Type
R/W
Reset Value
00000000_00000000h
GLIU_DA_COMP_MASK_LO Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
DALO_COMPMASK
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
DALO_COMPMASK
GLIU_DA_COMP_MASK_LO Bit Descriptions
Bit
Name
Description
63:45
RSVD
Reserved. Write as read.
44:0
DALO_COMPMASK
Data Packet Compare Value [44:0]. This field is forms the lower portion of the data
COMPMASK value, that is then bit-wise logically ANDed with the incoming data value
before it is compared to the DA_COMPVAL. The “HI” and “LO” portions of the incom-
ing data, the compare value, and the compare mask, are assembled into complete bit
patterns before these operations occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com