Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 212 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 212 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 208Page - National Semiconductor (TI) CS5535 Datasheet HTML 209Page - National Semiconductor (TI) CS5535 Datasheet HTML 210Page - National Semiconductor (TI) CS5535 Datasheet HTML 211Page - National Semiconductor (TI) CS5535 Datasheet HTML 212Page - National Semiconductor (TI) CS5535 Datasheet HTML 213Page - National Semiconductor (TI) CS5535 Datasheet HTML 214Page - National Semiconductor (TI) CS5535 Datasheet HTML 215Page - National Semiconductor (TI) CS5535 Datasheet HTML 216Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 555 page
background image
www.national.com
212
Revision 0.8
GLIU Register Descriptions (Continued)
GLIU_IOD_SC Bit Descriptions
Bit
Name
Description
63:61
IDID_SC
I/O Descriptor Destination ID. Encoded port number of the destination of addresses
which produce a hit based on the other fields in this descriptor.
000: Port 0 (GLIU)
100: Port 4 (DD)
001: Port 1 (GLPCI_SB)
101: Port 5 (ACC)
010: Port 2 (USBC2)
110: Port 6 (USBC1)
011: Port 3 (ATAC)
111: Port 7 (GLCP)
60
ICMP_BIZ_SC
Compare BIZZARO Flag. Used to check that the BIZZARO flag of the request is equal
to the PICMP_BIZ_SC bit (this bit). If a match does not occur, then the incoming request
cannot generate a hit. The BIZZARO flag, if set in the incoming request, signifies a “spe-
cial’ cycle such as a PCI Shutdown or Halt.
59:32
RSVD
Reserved. Write as read.
31:24
EN_SC
Enable for Hits to IDID_SC else SUBP.
bit 0, if set, hit on I/O Address Base plus 0.
bit 1, if set, hit on I/O Address Base plus 1.
:
bit 7, if set, hit on I/O Address Base plus 7.
21
WEN_SC
Descriptor Hits IDID_SC on Write Request Types else SUBP. If set, causes the
incoming request to be routed to the port specified in IDID_SC if the incoming request is
a WRITE type.
20
REN_SC
Descriptors Hit IDID_SC on Read Request Types else SUBP. If set, causes the
incoming request to be routed to the port specified in IDID_SC if the incoming request is
a READ type.
19:0
IBASE_SC
I/O Address Base. This field forms the basis of comparison with the incoming checks
that the physical address supplied by the device’s request on address bits [31:18] are
equal to the PBASE field of descriptor register bits [13:0]
2:0
RSVD
Reserved. Write as read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com