Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 216 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 216 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 212Page - National Semiconductor (TI) CS5535 Datasheet HTML 213Page - National Semiconductor (TI) CS5535 Datasheet HTML 214Page - National Semiconductor (TI) CS5535 Datasheet HTML 215Page - National Semiconductor (TI) CS5535 Datasheet HTML 216Page - National Semiconductor (TI) CS5535 Datasheet HTML 217Page - National Semiconductor (TI) CS5535 Datasheet HTML 218Page - National Semiconductor (TI) CS5535 Datasheet HTML 219Page - National Semiconductor (TI) CS5535 Datasheet HTML 220Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 555 page
background image
www.national.com
216
Revision 0.8
GLPCI_SB Register Descriptions (Continued)
5.2.1.4
GeodeLink Device Error MSR (GLPCI_GLD_MSR_ERROR)
The flags are set by internal conditions. The internal conditions are enabled if the EN bit is 1. Reading the FLAG bit returns
the value; writing 1 clears the flag; writing 0 has no effect. (See Section 3.8.4 "MSR Address 3: Error Control" on page 71
for further details.)
GLPCI_GLD_MSR_SMI Bit Descriptions
Bit
Name
Description
63:23
RSVD (RO)
Reserved (Read Only). Returns 0.
22
TAS_ASMI_
FLAG
Target Abort Signaled ASMI Flag. If high, records that an ASMI was generated due the
signaling of a target abort on the PCI bus. Write 1 to clear; writing 0 has no effect.
TA_ASMI_EN (bit 6) must be high to generate ASMI and set flag.
21
PAR_ASMI_
FLAG
Parity Error ASMI Flag. If high, records that an ASMI was generated due to the detec-
tion of a PCI bus parity error. Write 1 to clear; writing 0 has no effect. PAR_ASMI_EN (bit
5) must be high to generate ASMI and set flag.
20
SYSE_ASMI_
FLAG
System Error ASMI Flag. If high, records that an ASMI was generated due to the detec-
tion of a PCI bus system error. Write 1 to clear; writing 0 has no effect. SYSE_ASMI_EN
(bit 4) must be high to generate ASMI and set flag.
19
EXCEP_ASMI_
FLAG
Exception Bit Flag. If high, records that an ASMI was generated due to the EXCEP bit
being set in the received GLIU read or write response packet. Write 1 to clear; writing 0
has no effect. EXCEP_ASMI_EN (bit 3) must be set to enable this flag.
18
SSMI_ASMI_
FLAG
SSMI ASMI Flag. If high, records that an ASMI was generated due to the SSMI bit being
set in the received GLIU read or write response packet. Write 1 to clear; writing 0 has no
effect. SSMI_ASMI_EN (bit 2) must be set to enable this flag.
17
TAR_ASMI_
FLAG
Target Abort Received ASMI Flag. If high, records that an ASMI was generated due to
the reception of a target abort on the PCI bus. Write 1 to clear; writing 0 has no effect.
TAR_ASMI_EN (bit 1) must be high to generate ASMI and set flag.
16
MAR_ASMI_
FLAG
Master Abort Received ASMI Flag. If high, records that an ASMI was generated due to
the reception of a master abort on the PCI bus. Write 1 to clear; writing 0 has no effect.
MAR_ASMI_EN (bit 0) be high to generate ASMI and set flag.
15:7
RSVD (RO)
Reserved (Read Only). Returns 0.
6
TAS_ASMI_EN
Target Abort Signaled ASMI Enable. Write 1 to enable TAS_ASMI_FLAG (bit 22) and
to allow the event to generate an ASMI.
5
PAR_ASMI_EN
Parity Error ASMI Enable. Write 1 to enable PAR_ASMI_FLAG (bit 21) and to allow the
event to generate an ASMI.
4
SYSE_ASMI_
EN
System Error SMI Enable. Write 1 to enable SYSE_ASMI_FLAG (bit 20) and to allow
the event to generate an ASMI.
3
EXCEP_ASMI_
EN
Exception Bit Enable. Write 1 to enable EXCEP_ASMI_FLAG (bit 19) and to allow the
event.
2
SSMI_EN
SSMI Enable. Write 1 to enable SSMI_ASMI_FLAG bit (bit 18) and to allow the event.
1
TAR_ASMI_EN
Target Abort Received ASMI Enable. Write 1 to enable TAR_ASMI_FLAG (bit 17) and
to allow the event to generate an ASMI.
0
MAR_ASMI_EN
Master Abort Received ASMI Enable. Write 1 to enable MAR_ASMI_FLAG (bit 16) and
to allow the event to generate an ASMI.
MSR Address
51000003h
Type
R/W
Reset Value
00000000_00000000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com