Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 219 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 219 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 215Page - National Semiconductor (TI) CS5535 Datasheet HTML 216Page - National Semiconductor (TI) CS5535 Datasheet HTML 217Page - National Semiconductor (TI) CS5535 Datasheet HTML 218Page - National Semiconductor (TI) CS5535 Datasheet HTML 219Page - National Semiconductor (TI) CS5535 Datasheet HTML 220Page - National Semiconductor (TI) CS5535 Datasheet HTML 221Page - National Semiconductor (TI) CS5535 Datasheet HTML 222Page - National Semiconductor (TI) CS5535 Datasheet HTML 223Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 555 page
background image
Revision 0.8
219
www.national.com
GLPCI_SB Register Descriptions (Continued)
5.2.1.6
GeodeLink Device Diagnostic MSR (GLPCI_GLD_MSR_DIAG)
This register is reserved for internal use by National and should not be written to.
5.2.2
GLPCI_SB Specific MSRs
5.2.2.1
Global Control (GLPCI_CTRL)
1:0
PMODE0
Power Mode 0. Power mode for GLIU clock domain.
00: Disable clock gating. Clocks are always on.
01: Enable active hardware clock gating. Clock goes off whenever this module’s circuits
are not busy.
10: Reserved.
11: Reserved.
MSR Address
51000005h
Type
R/W
Reset Value
00000000_00000000h
MSR Address
51000010h
Type
R/W
Reset Value
44000030_00000003h
GLPCI_CTRL Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
FTH
RTH
RSVD
RTL
RSVD
ILTO
LAT
000
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
76543210
RSVD
SUS
FPIDE
RSVD
CISM
GLPCI_CTRL Bit Descriptions
Bit
Name
IB/OB
Description
63:60
FTH
IB
In-Bound Flush Threshold. Controls the timing for requesting new read data while
concurrently flushing previously prefetched, stale read data. While flushing stale data, if
the number of prefetched 64-bit WORDs reaches this level, then a new read request is
made.
59:56
RTH
IB
In-Bound Read Threshold. Controls the timing for prefetching read data. If the number
of prefetched 32-bit WORDs is decremented and reaches this threshold, a subsequent
GLIU request is generated to fetch the next cache-line of read data.
55:52
RSVD
(RO)
---
Reserved (Read Only). Returns 0.
51:49
RTL
OB
Retry Transaction Limit. Limits the number of out-bound retries. If a target signals retry
indefinitely the PCI interface may be configured to abort the failing out-bound request.
000: No limit.
100: 64 retries.
001: 8 retries.
101: 128 retries.
010: 16 retries.
110: 256 retries.
011: 32 retries.
111: 512 retries.
GLPCI_GLD_MSR_PM Bit Descriptions (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com