Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 223 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 223 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 219Page - National Semiconductor (TI) CS5535 Datasheet HTML 220Page - National Semiconductor (TI) CS5535 Datasheet HTML 221Page - National Semiconductor (TI) CS5535 Datasheet HTML 222Page - National Semiconductor (TI) CS5535 Datasheet HTML 223Page - National Semiconductor (TI) CS5535 Datasheet HTML 224Page - National Semiconductor (TI) CS5535 Datasheet HTML 225Page - National Semiconductor (TI) CS5535 Datasheet HTML 226Page - National Semiconductor (TI) CS5535 Datasheet HTML 227Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 555 page
background image
Revision 0.8
223
www.national.com
GLPCI_SB Register Descriptions (Continued)
5.2.2.2
Region 0-15 Configuration MSRs (GLPCI_R[x])
Region 0 Configuration (GLPCI_R0)
Region 1 Configuration (GLPCI_R1)
Region 2 Configuration (GLPCI_R2)
Region 3 Configuration (GLPCI_R3)
Region 4 Configuration (GLPCI_R4)
Region 5 Configuration (GLPCI_R5)
Region 6 Configuration (GLPCI_R6)
Region 7 Configuration (GLPCI_R7)
Region 8 Configuration (GLPCI_R8)
Region 9 Configuration (GLPCI_R9)
Region 10 Configuration (GLPCI_R10)
Region 11 Configuration (GLPCI_R11)
Region 12 Configuration (GLPCI_R12)
Region 13 Configuration (GLPCI_R13)
Region 14 Configuration (GLPCI_R14)
Region 15 Configuration (GLPCI_R15)
MSR Address
51000020h
Type
R/W
Reset Value
00000000_00000000h
MSR Address
51000021h
Type
R/W
Reset Value
00000000_00000000h
MSR Address
51000022h
Type
R/W
Reset Value
00000000_00000000h
MSR Address
51000023h
Type
R/W
Reset Value
00000000_00000000h
MSR Address
51000024h
Type
R/W
Reset Value
00000000_00000000h
MSR Address
51000025h
Type
R/W
Reset Value
00000000_00000000h
MSR Address
51000026h
Type
R/W
Reset Value
00000000_00000000h
MSR Address
51000027h
Type
R/W
Reset Value
00000000_00000000h
MSR Address
51000028h
Type
R/W
Reset Value
00000000_00000000h
MSR Address
51000029h
Type
R/W
Reset Value
00000000_00000000h
MSR Address
5100002Ah
Type
R/W
Reset Value
00000000_00000000h
MSR Address
5100002Bh
Type
R/W
Reset Value
00000000_00000000h
MSR Address
5100002Ch
Type
R/W
Reset Value
00000000_00000000h
MSR Address
5100002Dh
Type
R/W
Reset Value
00000000_00000000h
MSR Address
5100002Eh
Type
R/W
Reset Value
00000000_00000000h
MSR Address
5100002Fh
Type
R/W
Reset Value
00000000_00000000h
GLPCI_R[x] Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
TOP
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
BASE
RSVD
GLPCI_REGCONF[x] Bit Descriptions
Bit
Name
Description
63:44
TOP
Top of Region. For memory use [63:44] as top of address bits [31:12]. For I/O use
[63:46] as top of address bits [19:2]. (Note 1)
43:33
RSVD (RO)
Reserved (Read Only): Returns 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com