Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 225 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 225 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 221Page - National Semiconductor (TI) CS5535 Datasheet HTML 222Page - National Semiconductor (TI) CS5535 Datasheet HTML 223Page - National Semiconductor (TI) CS5535 Datasheet HTML 224Page - National Semiconductor (TI) CS5535 Datasheet HTML 225Page - National Semiconductor (TI) CS5535 Datasheet HTML 226Page - National Semiconductor (TI) CS5535 Datasheet HTML 227Page - National Semiconductor (TI) CS5535 Datasheet HTML 228Page - National Semiconductor (TI) CS5535 Datasheet HTML 229Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 555 page
background image
Revision 0.8
225
www.national.com
GLPCI_SB Register Descriptions (Continued)
5.2.3
PCI Configuration Registers
The first 16 bytes of the PCI configuration register space
consist of standard PCI header registers. An additional 32
bytes are used to implement a mailbox for giving access
from the PCI bus to the internal MSRs of the CS5535.
MSR Access Mailbox
Upon reset, MSR access is enabled. That is, the PMC-
TRL.EN bit is set. A PCI configuration (config) write to reg-
ister F0h clearing the EN bit is required to disable MSR
access.
An MSR read is accomplished by:
• A PCI configuration write to register F4h (PMADDR)
with the appropriate address value. If the appropriate
address value was previously written to register F4h,
then this step is unnecessary.
• A PCI configuration read of register F8h (PMDATA0).
This starts the GLIU MSR read. The PCI bus is held
(i.e., no retry unless time-out) until the transaction
completes.
• A PCI configuration read of register FCh (PMDATA1).
The PCI bus is held (i.e., no retry unless time-out) until
the transaction completes.
An MSR write is accomplished by:
• A PCI configuration write to register F4h (PMADDR)
with the appropriate address value. If the appropriate
address value was previously written to register F4h,
then this step is unnecessary.
• A PCI configuration write to register F8h (PMDATA0).
• A PCI configuration write to register FCh (PMDATA1).
This starts the GLIU MSR write. The PCI bus is held
(i.e., no retry unless time-out) until the transaction
completes.
Any PCI transaction interrupting an MSR read/write trans-
action is retried until the MSR transaction is complete.
The
external
MSR
write
request
always
has
the
SEND_RESPONSE bit set. The returned MSR read or
write response packet is checked for the SSMI and EXCEP
bits.
5.2.3.1
PCI Configuration Space Header Byte 0-3 (GLPCI_PCI_HEAD_BYTE0-3)
PCI Index
00h
Type
RO
Reset Value
002A100Bh
GLPCI_PCI_HEAD_BYTE0-3 Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654321
0
DEV_ID
VEN_ID
GLPCI_PCI_HEAD_BYTE0-3 Bit Descriptions
Bit
Name
Description
31:16
DEV_ID
Device Identification Register (Read Only). Identifies CS5535 as the device. Reads as
002Ah.
15:0
VEN_ID
Vendor Identification Register (Read Only). Identifies National Semiconductor as the
vendor. Reads as 100Bh.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com